Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2462 Datasheet (PDF) - Toshiba Semiconductor

2SD2462 Datasheet PDF - Toshiba Semiconductor
Part # 2SD2462
Download  2SD2462 Download
File Size   191.53 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)

2SD2462 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2462 Datasheet PDF - Toshiba Semiconductor

Part # 2SD2462
Download  2SD2462 Click to download

File Size   191.53 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)

2SD2462 Datasheet (HTML) - Toshiba Semiconductor


2SD2462 Product details

Power Amplifier Applications



• High DC current gain: hFE (1) = 800 to 3200 (VCE = 5 V, IC = 0.2 A)

• Low saturation voltage: VCE (sat) = 0.4 V (typ.) (IC = 1 A, IB = 10 mA)

• Complementary to 2SB1602




Similar Part No. - 2SD2462

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2462 TOSHIBA-2SD2462 Datasheet
135Kb / 5P
Power Amplifier Applications
2SD2462 TOSHIBA-2SD2462_06 Datasheet
135Kb / 5P
Power Amplifier Applications
More results


Similar Description - 2SD2462

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4688 TOSHIBA-2SC4688 Datasheet
153Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5196 TOSHIBA-2SC5196 Datasheet
147Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5197 TOSHIBA-2SC5197 Datasheet
147Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2155 TOSHIBA-2SD2155 Datasheet
153Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2352 TOSHIBA-2SD2352 Datasheet
182Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2353 TOSHIBA-2SD2353 Datasheet
181Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2385 TOSHIBA-2SD2385 Datasheet
139Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2406 TOSHIBA-2SD2406 Datasheet
137Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2461 TOSHIBA-2SD2461 Datasheet
191Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD526 TOSHIBA-2SD526 Datasheet
166Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com