Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857BFZ Datasheet (PDF) - Diodes Incorporated

BC857BFZ Datasheet PDF - Diodes Incorporated
Part # BC857BFZ
Download  BC857BFZ Download
File Size   479.92 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606

BC857BFZ Datasheet (PDF)

Go To PDF Page Download Datasheet
BC857BFZ Datasheet PDF - Diodes Incorporated

Part # BC857BFZ
Download  BC857BFZ Click to download

File Size   479.92 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606

BC857BFZ Datasheet (HTML) - Diodes Incorporated


BC857BFZ Product details

Features
BVCEO > -45V
IC = -100mA High Collector Current
PD = 925mW Power Dissipation
0.36mm2 Package Footprint, 40% Smaller than DFN1006
0.4mm Height Package Minimizing Off-Board Profile
Complementary NPN Type BC847BFZ
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - BC857BFZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857BFZ DIODES-BC857BFZ_15 Datasheet
480Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
More results


Similar Description - BC857BFZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BFZ DIODES-BC847BFZ_15 Datasheet
217Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
BC857BFZ DIODES-BC857BFZ_15 Datasheet
480Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 19
BC807-16W DIODES-BC807-16W_15 Datasheet
227Kb / 5P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT323
Rev 7
BC857BLP4 DIODES-BC857BLP4_15 Datasheet
240Kb / 5P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 6
BC857BLP DIODES-BC857BLP_15 Datasheet
386Kb / 5P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 11
MMBT3906FZ DIODES-MMBT3906FZ Datasheet
500Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
MMBT3906FZ DIODES-MMBT3906FZ_15 Datasheet
500Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com