Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906FZ Datasheet (PDF) - Diodes Incorporated

MMBT3906FZ Datasheet PDF - Diodes Incorporated
Part # MMBT3906FZ
Download  MMBT3906FZ Download
File Size   500.71 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606

MMBT3906FZ Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3906FZ Datasheet PDF - Diodes Incorporated

Part # MMBT3906FZ
Download  MMBT3906FZ Click to download

File Size   500.71 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606

MMBT3906FZ Datasheet (HTML) - Diodes Incorporated


MMBT3906FZ Product details

Features
• BVCEO > -40V
• IC = -200mA High Collector Current
• PD = 925mW Power Dissipation
• 0.36mm2 Package Footprint, 40% Smaller than DFN1006
• 0.4mm Height Package Minimizing Off-Board Profile
• Complementary NPN Type MMBT3904FZ
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - MMBT3906FZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906FZ DIODES-MMBT3906FZ_15 Datasheet
500Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
More results


Similar Description - MMBT3906FZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BFZ DIODES-BC847BFZ_15 Datasheet
217Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
BC857BFZ DIODES-BC857BFZ_15 Datasheet
480Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
MMBT3906LP DIODES-MMBT3906LP_15 Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 17
MMBT3904FZ DIODES-MMBT3904FZ Datasheet
504Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 1
MMBT3906FA DIODES-MMBT3906FA Datasheet
128Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 1
MMBT3906FZ DIODES-MMBT3906FZ_15 Datasheet
500Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
MMBT3904FZ DIODES-MMBT3904FZ_15 Datasheet
504Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 1
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
BC857BFZ DIODES-BC857BFZ Datasheet
479Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
May 2015
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com