Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906FA Datasheet (PDF) - Diodes Incorporated

MMBT3906FA Datasheet PDF - Diodes Incorporated
Part # MMBT3906FA
Download  MMBT3906FA Download
File Size   128.82 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806

MMBT3906FA Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3906FA Datasheet PDF - Diodes Incorporated

Part # MMBT3906FA
Download  MMBT3906FA Click to download

File Size   128.82 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806

MMBT3906FA Datasheet (HTML) - Diodes Incorporated


MMBT3906FA Product details

Features
• BVCEO > -40V
• IC = -200mA high Collector Current
• PD = 435mW Power Dissipation
• 0.48mm2 package footprint, 16 times smaller than SOT23
• 0.4mm height package minimizing off-board profile
• Complementary NPN Type MMBT3904FA
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - MMBT3906FA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906FA DIODES-MMBT3906FA_15 Datasheet
128Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 1
More results


Similar Description - MMBT3906FA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BFA DIODES-BC847BFA_15 Datasheet
336Kb / 6P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 2
BC857BFA DIODES-BC857BFA_15 Datasheet
213Kb / 6P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 1
MMBT3906LP DIODES-MMBT3906LP_15 Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 17
2DA1774QLP DIODES-2DA1774QLP_15 Datasheet
355Kb / 5P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
MMBT3904FA DIODES-MMBT3904FA Datasheet
141Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 1
MMBT3906FZ DIODES-MMBT3906FZ Datasheet
500Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
MMBT3906FA DIODES-MMBT3906FA_15 Datasheet
128Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 1
MMBT3906FZ DIODES-MMBT3906FZ_15 Datasheet
500Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
MMBT3904FA DIODES-MMBT3904FA_15 Datasheet
141Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com