Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP65N150M9 Datasheet (PDF) - STMicroelectronics

STP65N150M9 Datasheet PDF - STMicroelectronics
Part # STP65N150M9
Download  STP65N150M9 Download
File Size   225.58 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 128 m typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package

STP65N150M9 Datasheet (PDF)

Go To PDF Page Download Datasheet
STP65N150M9 Datasheet PDF - STMicroelectronics

Part # STP65N150M9
Download  STP65N150M9 Click to download

File Size   225.58 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 128 m typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package

STP65N150M9 Datasheet (HTML) - STMicroelectronics


STP65N150M9 Product details

Features
• Worldwide best FOM RDS(on)*Qg among silicon-based devices
• Higher VDSS rating
• Higher dv/dt capability
• Excellent switching performance
• Easy to drive
• 100% avalanche tested
• Zener-protected

Description
This N-channel Power MOSFET is based on the most innovative super-junction
MDmesh M9 technology, suitable for medium/high voltage MOSFETs featuring very
low RDS(on) per area. The silicon based M9 technology benefits from a multi-drain
manufacturing process which allows an enhanced device structure. The resulting
product has one of the lower on-resistance and reduced gate charge values,
among all silicon based fast switching super-junction Power MOSFETs, making
it particularly suitable for applications that require superior power density and
outstanding efficiency.

Applications
• High efficiency switching applications




Similar Part No. - STP65N150M9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP65N150M9 STMICROELECTRONICS-STP65N150M9 Datasheet
233Kb / 12P
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
22-Feb-2023
STP65N150M9 STMICROELECTRONICS-STP65N150M9_V01 Datasheet
233Kb / 12P
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
22-Feb-2023
More results


Similar Description - STP65N150M9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20N90K5 STMICROELECTRONICS-STP20N90K5 Datasheet
695Kb / 13P
N-channel 900 V, 0.21 Ω typ., 20 A MDmesh™ K5 Power MOSFET in a TO-220 package
24-Jan-2017
STO68N65DM6 STMICROELECTRONICS-STO68N65DM6 Datasheet
1Mb / 15P
N-channel 650 V, 53 m typ., 55 A MDmesh DM6 Power MOSFET in a TO‑LL package
06-May-2021
STP46N60M6 STMICROELECTRONICS-STP46N60M6 Datasheet
461Kb / 13P
N-channel 600 V, 68 m typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220 package
22-Nov-2019
STP50N65DM6 STMICROELECTRONICS-STP50N65DM6 Datasheet
248Kb / 11P
N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
28-Jul-2020
STP65N045M9 STMICROELECTRONICS-STP65N045M9 Datasheet
228Kb / 12P
N-channel 650 V, 39 mΩ typ., 55 A MDmesh M9 Power MOSFET in a TO-220 package
25-May-2022
STW35N65DM2 STMICROELECTRONICS-STW35N65DM2 Datasheet
262Kb / 12P
N-channel 650 V, 93 m typ., 32 A MDmesh DM2 Power MOSFET in a TO-247 package
31-Aug-2020
STW50N65DM6 STMICROELECTRONICS-STW50N65DM6 Datasheet
250Kb / 12P
N-channel 650 V, 74 m typ., 33 A MDmesh DM6 Power MOSFET in a TO-247 package
02-Jul-2020
STF18N65DM2 STMICROELECTRONICS-STF18N65DM2 Datasheet
234Kb / 12P
N-channel 650 V, 231 m typ., 12 A, MDmesh DM2 Power MOSFET in a TO-220FP package
10-May-2021
STD65N160M9 STMICROELECTRONICS-STD65N160M9 Datasheet
336Kb / 15P
N-channel 650 V, 132 mΩ typ., 20 A MDmesh M9 Power MOSFET in a DPAK package
01-Dec-2022
STP65N150M9 STMICROELECTRONICS-STP65N150M9_V01 Datasheet
233Kb / 12P
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
22-Feb-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com