Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD65N160M9 Datasheet (PDF) - STMicroelectronics

STD65N160M9 Datasheet PDF - STMicroelectronics
Part # STD65N160M9
Download  STD65N160M9 Download
File Size   336.04 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 132typ., 20 A MDmesh M9 Power MOSFET in a DPAK package

STD65N160M9 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD65N160M9 Datasheet PDF - STMicroelectronics

Part # STD65N160M9
Download  STD65N160M9 Click to download

File Size   336.04 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 132typ., 20 A MDmesh M9 Power MOSFET in a DPAK package

STD65N160M9 Datasheet (HTML) - STMicroelectronics


STD65N160M9 Product details

Description
This N-channel Power MOSFET is based on the most innovative super-junction
MDmesh M9 technology, suitable for medium/high voltage MOSFETs featuring very
low RDS(on) per area. The silicon based M9 technology benefits from a multi-drain
manufacturing process which allows an enhanced device structure. The resulting
product has one of the lower on-resistance and reduced gate charge values,
among all silicon based fast switching super-junction Power MOSFETs, making
it particularly suitable for applications that require superior power density and
outstanding efficiency.

Features
• Worldwide best FOM RDS(on)*Qg among silicon-based devices
• Higher VDSS rating
• Higher dv/dt capability
• Excellent switching performance
• Easy to drive
• 100% avalanche tested
• Zener-protected

Applications
• High efficiency switching applications




Similar Part No. - STD65N160M9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD65N3LLH5 STMICROELECTRONICS-STD65N3LLH5 Datasheet
797Kb / 17P
N-channel 30 V, 0.0061, 65 A, DPAK, IPAK STripFET V Power MOSFET
19-May-2011
logo
SHENZHEN DOINGTER SEMIC...
STD65N3LLH5 DOINGTER-STD65N3LLH5 Datasheet
867Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD65N3LLH5 VBSEMI-STD65N3LLH5 Datasheet
1,004Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STD65N3LLH5 ISC-STD65N3LLH5 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD65N55 STMICROELECTRONICS-STD65N55 Datasheet
210Kb / 11P
N-channel 55V - 8.0mΩ - 65A - DPAK MDmesh™ low voltage Power MOSFET
13-Jul-2006
More results


Similar Description - STD65N160M9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP65N045M9 STMICROELECTRONICS-STP65N045M9 Datasheet
228Kb / 12P
N-channel 650 V, 39 mΩ typ., 55 A MDmesh M9 Power MOSFET in a TO-220 package
25-May-2022
STP65N150M9 STMICROELECTRONICS-STP65N150M9 Datasheet
225Kb / 12P
N-channel 650 V, 128 m typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
19-Jul-2022
STD3N65M6 STMICROELECTRONICS-STD3N65M6 Datasheet
630Kb / 18P
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh M6 Power MOSFET in a DPAK package
08-Jul-2019
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STD80N240K6 STMICROELECTRONICS-STD80N240K6 Datasheet
355Kb / 16P
N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a DPAK package
29-Sep-2022
STP65N150M9 STMICROELECTRONICS-STP65N150M9_V01 Datasheet
233Kb / 12P
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
22-Feb-2023
STD80N340K6 STMICROELECTRONICS-STD80N340K6 Datasheet
347Kb / 16P
N-channel 800 V, 285 mΩ typ., 12 A MDmesh K6 Power MOSFET in a DPAK package
30-Sep-2022
STD80N450K6 STMICROELECTRONICS-STD80N450K6 Datasheet
348Kb / 16P
N-channel 800 V, 380 mΩ typ., 10 A MDmesh K6 Power MOSFET in a DPAK package
26-Sep-2022
STD7N60M6 STMICROELECTRONICS-STD7N60M6 Datasheet
384Kb / 15P
N-channel 600 V, 780 mΩ typ., 5 A, MDmesh M6 Power MOSFET in a DPAK package
28-Jul-2020
STD9N60M6 STMICROELECTRONICS-STD9N60M6 Datasheet
328Kb / 15P
N‑channel 600 V 670 mΩ typ., 6 A MDmesh M6 Power MOSFET in a DPAK package
02-Nov-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com