Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FODM181 Datasheet (PDF) - ON Semiconductor

FODM181 Datasheet PDF - ON Semiconductor
Part # FODM181
Download  FODM181 Download
File Size   384.04 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Channel, DC Sensing Input, Phototransistor Optocoupler In Full-Pitch Mini-Flat 4-Pin Package

FODM181 Datasheet (PDF)

Go To PDF Page Download Datasheet
FODM181 Datasheet PDF - ON Semiconductor

Part # FODM181
Download  FODM181 Click to download

File Size   384.04 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Channel, DC Sensing Input, Phototransistor Optocoupler In Full-Pitch Mini-Flat 4-Pin Package

FODM181 Datasheet (HTML) - ON Semiconductor


FODM181 Product details

The FODM181 series consist of a gallium arsenide infrared emitting
diode driving a phototransistor. It built in a compact, half−pitch,
mini−flat, 4−pin package. The lead pitch is 2.54 mm.

Features
• Current Transfer Ratio Ranges from 20 to 600%
• at IF = 5 mA, VCE = 5 V, TA = 25°C
♦ FODM181A − 80 to 160%
♦ FODM181B − 130 to 260%
♦ FODM181C − 200 to 400%
♦ FODM181D − 300 to 600%
• Safety and Regulatory Approvals:
♦ UL1577, 3750 VACRMS for 1 min
♦ DIN EN/IEC60747−5−5, 565 V Peak Working Insulation Voltage
(Pending)
• Applicable to Infrared Ray Reflow, 260°C

Typical Applications
• Primarily Suited for DC−DC Converters
• For Ground Loop Isolation, Signal to Noise Isolation
• Communications – Adapters, Chargers
• Consumer – Appliances, Set Top Boxes
• Industrial – Power Supplies, Motor Control, Programmable Logic
Control




Similar Part No. - FODM181

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FODM1007 ONSEMI-FODM1007 Datasheet
213Kb / 9P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
May, 2021 ??Rev. 3
FODM1007R2 ONSEMI-FODM1007R2 Datasheet
213Kb / 9P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
May, 2021 ??Rev. 3
FODM1007R2V ONSEMI-FODM1007R2V Datasheet
213Kb / 9P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
May, 2021 ??Rev. 3
FODM1007V ONSEMI-FODM1007V Datasheet
213Kb / 9P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
May, 2021 ??Rev. 3
FODM100X ONSEMI-FODM100X Datasheet
213Kb / 9P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
May, 2021 ??Rev. 3
More results


Similar Description - FODM181

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT357 CTMICRO-CT357 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010 CTMICRO-CT1010 Datasheet
1Mb / 11P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CTH217 CTMICRO-CTH217 Datasheet
1Mb / 10P
DC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
logo
ON Semiconductor
FODM217A ONSEMI-FODM217A Datasheet
831Kb / 12P
Single Channel, DC Sensing Input, Phototransistor Optocoupler
January 2017 - Rev. P0
logo
CT Micro International ...
CT357B1 CTMICRO-CT357B1 Datasheet
1Mb / 9P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010-W CTMICRO-CT1010-W Datasheet
1Mb / 12P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
logo
ON Semiconductor
FODM214 ONSEMI-FODM214 Datasheet
305Kb / 9P
Single Channel, AC/DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
August, 2019 ??Rev. 2
FODM100X ONSEMI-FODM100X Datasheet
213Kb / 9P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
May, 2021 ??Rev. 3
FODM291 ONSEMI-FODM291 Datasheet
507Kb / 8P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
September, 2022 - Rev. 0
FODM214 ONSEMI-FODM214_V01 Datasheet
246Kb / 9P
Single Channel, AC/DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
December, 2021 - Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com