Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FODM1007V Datasheet (PDF) - ON Semiconductor

FODM1007V Datasheet PDF - ON Semiconductor
Part # FODM1007V
Download  FODM1007V Download
File Size   213.59 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin

FODM1007V Datasheet (PDF)

Go To PDF Page Download Datasheet
FODM1007V Datasheet PDF - ON Semiconductor

Part # FODM1007V
Download  FODM1007V Click to download

File Size   213.59 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin

FODM1007V Datasheet (HTML) - ON Semiconductor


FODM1007V Product details

Description
The FODM100x Series, single channel, DC sensing input,
optocoupler consists of one gallium arsenide (GaAs) infrared light
emitting diode optically coupled to one phototransistor, in a stretched
body SOP 4−pin package. The input−output isolation voltage, VISO, is
rated at 5,000 VACRMS.

Features
• ≥ 8 mm Creepage and Clearance Distance, and ≥ 0.4 mm Insulation
Distance to Achieve Reliable and High Voltage Insulation
• Safety and Regulatory Approvals
• UL1577, 5,000 VACRMS for 1 min
• DIN_EN/IEC60747−5−5, 890 V_Peak Working Voltage
• High Breakdown Collector to Emitter Voltage, BVCEO = 70 V Minimum
• Extended Industrial Temperate Range, −40 to 110°C
• Current Transfer Ratio at IF = 5 mA, VCE = 5 V, TA = 25°C
• FODM1007: 80 to 160%
• FODM1008: 130 to 260%
• FODM1009: 200 to 400%
• These are Pb−Free Devices

Applications
• Primarily Suited for DC−DC Converters
• For Ground Loop Isolation, Signal to Noise Isolation
• Communications – Adapters, Chargers
• Consumer – Appliances, Set−Top Boxes
• Industrial – Power Supplies, Motor Control, Programmable Logic Control




Similar Part No. - FODM1007V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
632Kb / 10P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
1Mb / 11P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
1Mb / 11P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
1Mb / 11P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results


Similar Description - FODM1007V

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
logo
ON Semiconductor
FODM217A ONSEMI-FODM217A Datasheet
831Kb / 12P
Single Channel, DC Sensing Input, Phototransistor Optocoupler
January 2017 - Rev. P0
FODM217B ONSEMI-FODM217B Datasheet
831Kb / 12P
Single Channel, DC Sensing Input, Phototransistor Optocoupler
January 2017 - Rev. P0
FODM214 ONSEMI-FODM214 Datasheet
305Kb / 9P
Single Channel, AC/DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
August, 2019 ??Rev. 2
FODM181 ONSEMI-FODM181 Datasheet
384Kb / 8P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Full-Pitch Mini-Flat 4-Pin Package
September, 2022 - Rev. P0
FODM291 ONSEMI-FODM291 Datasheet
507Kb / 8P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
September, 2022 - Rev. 0
FODM214 ONSEMI-FODM214_V01 Datasheet
246Kb / 9P
Single Channel, AC/DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
December, 2021 - Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com