Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FODM1007V Datasheet(PDF) 4 Page - ON Semiconductor

Part # FODM1007V
Description  Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FODM1007V Datasheet(HTML) 4 Page - ON Semiconductor

  FODM1007V Datasheet HTML 1Page - ON Semiconductor FODM1007V Datasheet HTML 2Page - ON Semiconductor FODM1007V Datasheet HTML 3Page - ON Semiconductor FODM1007V Datasheet HTML 4Page - ON Semiconductor FODM1007V Datasheet HTML 5Page - ON Semiconductor FODM1007V Datasheet HTML 6Page - ON Semiconductor FODM1007V Datasheet HTML 7Page - ON Semiconductor FODM1007V Datasheet HTML 8Page - ON Semiconductor FODM1007V Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FODM100x Series
www.onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Saturated Normalized Current Transfer
Ratio vs. Ambient temperature
Figure 3. Non−Saturated Normalized Current Transfer
Ratio vs. Ambient temperature
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Normalized Current Collector
vs. Forward Current
Figure 6. Normalized Current Transfer Ratio
vs. Forward Current
TA – AMBIENT TEMPERATURE (°C)
VF – FORWARD VOLTAGE (V)
IF − FORWARD CURRENT (mA)
0
50
100
150
200
EMITTER
DETECTOR
−60 −40 −20
0
20
40
60
80
100 120
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−60 −40
−20
0
20
40
60
80
100
NORMALIZED TO:
TA = 25°C, VCE = 0.4 V
IF = 10 mA
IF = 5 mA
IF = 2 mA
IF = 1 mA
TA – AMBIENT TEMPERATURE (°C)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−60 −40
−20
0
20
40
60
80
100
NORMALIZED TO:
TA = 25°C, VCE = 5 V
IF = 10 mA
IF = 5 mA
IF = 2 mA
IF = 1 mA
TA – AMBIENT TEMPERATURE (°C)
0
10
20
30
40
50
0.6
0.8
1.0
1.2
1.4
1.6
1.8
25°C
110°C
−55°C
0.1
1
10
100
0.001
0.01
0.1
1
10
100
NORMALIZED TO:
IF = 5 mA, VCE = 5 V
TA = 25°C
0.1
1
10
100
0.01
0.1
1
10
NORMALIZED TO:
IF = 5 mA, VCE = 5 V
TA = 25°C
IF − FORWARD CURRENT (mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com