Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0AKR Datasheet (PDF) - Bel Fuse Inc.

0AKR Datasheet PDF - Bel Fuse Inc.
Part # 0AKR
Download  0AKR Download
File Size   325.4 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 500VDC, DC Fuses

0AKR Datasheet (PDF)

Go To PDF Page Download Datasheet
0AKR Datasheet PDF - Bel Fuse Inc.

Part # 0AKR
Download  0AKR Click to download

File Size   325.4 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 500VDC, DC Fuses

0AKR Datasheet (HTML) - Bel Fuse Inc.


0AKR Product details

Description
500VDC rated ceramic tube fuse

Features
- Excellent DC performance
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863

Applications
EV/HEV Applications




Similar Part No. - 0AKR

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0AKR BEL-0AKR Datasheet
342Kb / 3P
500VDC rated ceramic tube fuse
0AKRXK150-XX BEL-0AKRXK150-XX Datasheet
342Kb / 3P
500VDC rated ceramic tube fuse
0AKRXK200-XX BEL-0AKRXK200-XX Datasheet
342Kb / 3P
500VDC rated ceramic tube fuse
0AKRXK250-XX BEL-0AKRXK250-XX Datasheet
342Kb / 3P
500VDC rated ceramic tube fuse
0AKRXK300-XX BEL-0AKRXK300-XX Datasheet
342Kb / 3P
500VDC rated ceramic tube fuse
More results


Similar Description - 0AKR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
SP600 INTERSIL-SP600 Datasheet
74Kb / 7P
Half Bridge 500VDC Driver
July 1998
logo
Harris Corporation
HIP2500 HARRIS-HIP2500 Datasheet
100Kb / 9P
Half Bridge 500VDC Driver
logo
Intersil Corporation
SP601 INTERSIL-SP601 Datasheet
671Kb / 7P
Half Bridge 500VDC Driver
July 1998
logo
Premier Magnetics, Inc.
S3AS051217 PMI-S3AS051217 Datasheet
33Kb / 1P
2.00 WATT MINI-SIP DC/DC CONVERTERS 500Vdc ISOLATION
logo
Cooper Bussmann, Inc.
DCM-4 COOPER-DCM-4 Datasheet
233Kb / 1P
Midget Fuses, 600Vac/dc
logo
E-SWITCH
N411110 E-SWITCH-N411110 Datasheet
156Kb / 1P
INSULATION RESISTANCE: 100MW MIN @ 500VDC
logo
Littelfuse
885 LITTELFUSE-885 Datasheet
671Kb / 3P
The 885 Nano2짰 Surface Mount Fuses are high voltage rated fuses with high interrupting current ratings at 450VDC/500VDC and 350VAC
logo
Bel Fuse Inc.
0ACG-1000-XX BEL-0ACG-1000-XX Datasheet
676Kb / 4P
Type 0ACG 500VDC, SMD Fuse
0AKS BEL-0AKS Datasheet
352Kb / 3P
500VDC Fuse for EV/HEV
Rev. 0AKS Feb2021
logo
Renesas Technology Corp
HIP2500 RENESAS-HIP2500 Datasheet
603Kb / 9P
Half Bridge 500VDC Driver
File Number 2801.9
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com