Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP600 Datasheet (PDF) - Intersil Corporation

SP600 Datasheet PDF - Intersil Corporation
Part # SP600
Download  SP600 Download
File Size   74.72 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Half Bridge 500VDC Driver

SP600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP600 Datasheet PDF - Intersil Corporation

Part # SP600
Download  SP600 Click to download

File Size   74.72 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Half Bridge 500VDC Driver

SP600 Datasheet (HTML) - Intersil Corporation


SP600 Product details

The SP600 is a smart power high voltage integrated circuit (HVIC) optimized to drive MOS gated power devices in half bridge topologies. It provides the necessary control and management for PWM motor drive, power supply, and UPS applications.



Features

• Maximum Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V

• Ability to Interface and Drive Standard and Current Sensing N-Channel Power MOSFET/IGBT Devices

• Creation and Management of a Floating Power Supply for Upper Rail Drive

• Simultaneous Conduction Lockout

• Overcurrent Protection

• Single Low Current Bias Supply Operation

• Latch Immune CMOS Logic

• Peak Drive in Excess of 0.5A



 




Similar Part No. - SP600

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SP600 A-DATA-SP600 Datasheet
686Kb / 2P
ADATA Premier Pro SP600 Soild State Drive
logo
SIPAT Co,Ltd
SP60001 SIPAT-SP60001 Datasheet
156Kb / 4P
600MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Littelfuse
SP6001 LITTELFUSE-SP6001 Datasheet
1Mb / 7P
12pF EMI Filter Array with ESD Protection
logo
Analogix Semiconductor,...
SP6001 ANALOGIX-SP6001 Datasheet
383Kb / 2P
SlimPort®-4K HDMI™ Adapter
March 2016
SP6001 ANALOGIX-SP6001 Datasheet
251Kb / 2P
SlimPort® USB-C™ to HDMI® Adapter
March 2017
More results


Similar Description - SP600

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HIP2500 HARRIS-HIP2500 Datasheet
100Kb / 9P
Half Bridge 500VDC Driver
logo
Intersil Corporation
SP601 INTERSIL-SP601 Datasheet
671Kb / 7P
Half Bridge 500VDC Driver
July 1998
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Renesas Technology Corp
HIP2500 RENESAS-HIP2500 Datasheet
603Kb / 9P
Half Bridge 500VDC Driver
File Number 2801.9
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com