Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP600 Datasheet(PDF) 2 Page - Intersil Corporation

Part # SP600
Description  Half Bridge 500VDC Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SP600 Datasheet(HTML) 2 Page - Intersil Corporation

  SP600 Datasheet HTML 1Page - Intersil Corporation SP600 Datasheet HTML 2Page - Intersil Corporation SP600 Datasheet HTML 3Page - Intersil Corporation SP600 Datasheet HTML 4Page - Intersil Corporation SP600 Datasheet HTML 5Page - Intersil Corporation SP600 Datasheet HTML 6Page - Intersil Corporation SP600 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings Full Temperature Range, All
Voltage Referenced to VSS Unless Otherwise Noted. Note 1, Note 2.
Thermal Information
Low Voltage Power Supply, VBIAS (Note 1) . . . . . . . . . . . . . . 18VDC
Floating Low Voltage Boot Strap . . . . . . . . . . . . . . . . . . . . . . 18VDC
Power Supply to Phase, VBS
Low Voltage Signal Pins
Fault, ITRIPSEL, VDD, TRIPL, CL1, G2L . . . -0.5VDC to VDD +0.5
G1L, D1L, VDF, TOP, BOT
CL2, TRIPU, G1U, G2U, D1U to Phase. . . . -0.5VDC to VBS +0.5
High Voltage Pins
Phase, VPHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500VDC
(VBS,VOUT, TRIPU, CL2, G2U and D1U: 0V-18V Higher Than
Phase)
Dynamic High Voltage Rating Phase, . . . . . . . . . . . . . 10,000V/
µs
DVPHASE/DT
Thermal Resistance
θJA
Plastic DIP Package . . . . . . . . . . . . . . . . . . . . . . . .
75oC/W
Maximum Package Power Dissipation at TA = +85
oC, P
O
Plastic DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
Operating Ambient Temperature Range, TA . . . . . . .-25
oC to +85oC
Storage Temperature Range, TS. . . . . . . . . . . . . . .-40
oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +265oC
NOTES:
1. Care must be taken in the application of VBIAS as not to impose high peak dissipation demands on a relatively small metallized noise dropping resistor (RND).
Prolonged high peak currents may result if +15VDC is applied abruptly and/or if the local bypass capacitor CDD is large. It is suggested that CDD be ≤ 10MFD.
If it is desirable to switch the 15VDC source or if a CDD is larger, additional series impedance may be required.
2. Consult factory for additional package offerings.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
(VBIAS = 15V, Pulsed <300ms), Unless Otherwise Noted, All Parameters Referenced to
VSS Except TRIPU, CL2, G1U, D1U, and VBS Referenced to PHASE. DF:VDF to VBS,
CF: VBS to PHASE
PARAMETER
SYMBOL
TEMP
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input Current (5V < VTOP, VBOT, VTRIPSEL < 15V)
IIN
+25oC
-
20
30
µA
-40oC to +85oC
-
30
33
µA
IBIAS Quiescent Current (All Inputs Low)
IBIASL
+25oC
-
1.7
2.05
mA
-40oC to +85oC
-
1.7
2.1
mA
IBIAS Quiescent Current
(VOUT ≥ VBIAS, and All Inputs Low)
IBIASH
+25oC
-
1.7
2.05
mA
-40oC to +85oC
-
1.7
2.1
mA
IBS Quiescent Current Bootstrap Supply
IBS
+25oC
-
875
1000
µA
-40oC to +85oC
-
900
1060
µA
TOP Threshold Level
VTOP
+25oC
789
V
-40oC to +85oC
6.95
8
9.1
V
BOTTOM Threshold Level
VBOT
+25oC
789
V
-40oC to +85oC
6.9
8
9.1
V
Current TRIPSELECT Threshold Level
VTRIPSEL
+25oC
789
V
-40oC to +85oC
6.95
8
9.1
V
Trip Lower and Upper Comparator Threshold
Level - Normal (ITRIPSEL = VSS)
VTRIP L/UN
+25oC
90
105
125
mV
-40oC to +85oC
90
105
127
mV
Trip Lower and Upper Comparator Threshold
Level - Boost (ITRIPSEL = VDD) % of Measured
VTRIP L/UN
VTRIP L/UB
+25oC
110
130
150
%
-40oC to +85oC
109
130
152
%
Under Voltage Lockout Thresholds (VDD and VBS)VLOCK
+25oC
9
10
11.5
V
-40oC to +85oC
9.7
10.5
11.8
V
Phase Out of Status Voltage Threshold (PHASE)
VOSVT
+25oC
579
V
-40oC to +85oC
4.7
7
9.6
V
SP600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com