Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVALSCR002V1 Datasheet (PDF) - STMicroelectronics

STEVALSCR002V1 Datasheet PDF - STMicroelectronics
Part # STEVALSCR002V1
Download  STEVALSCR002V1 Download
File Size   489.21 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Inrush current limiter for active AC-DC bridge rectifier

STEVALSCR002V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVALSCR002V1 Datasheet PDF - STMicroelectronics

Part # STEVALSCR002V1
Download  STEVALSCR002V1 Click to download

File Size   489.21 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Inrush current limiter for active AC-DC bridge rectifier

STEVALSCR002V1 Datasheet (HTML) - STMicroelectronics


STEVALSCR002V1 Product details

Description
The STEVAL-SCR002V1 introduces a simple and innovative AC-DC front-end circuit
that allows the designer to perform an inrush current limitation in any converter with
input rectifier bridge topologies.
Based on a discrete control circuit made of one Z0110MN SMD triac and two
STTH110A diodes, it offers a compact and non-insulated high voltage driver for the
mains SCR. The drive circuit synchronizes the SCR gate signals with the AC line
polarity and powers directly the SCR gate from the mains. This operation does not
generate reverse losses in the SCRs.
This STEVAL-SCR002V1 solid-state solution provides a high reliability, a long service
lifetime, an electromagnetic interference reduction, and a faster response compared
to electromechanical solutions.
This solution is also compatible with an inrush current limitation performed either in
the NTC/PTC bypass mode or in the MCU phase-control mode.
The enable control pin of the SCR driver is referenced to GND_DC. Therefore, an
uninsulated power supply or a direct control by the MCU can be used.
With five wires to connect, the STEVAL-SCR002V1 is designed for an easy
implementation on existing AC-DC converters for plug-and-play tests.
It is suitable for applications with an RMS current up to 4.3 A (at an ambient
temperature of 60°C).

Features
• Two TN1605H-6T 16 A - 600 V Hi Tj SCRs in a TO-220 package, used to
bypass the inrush resistor
• Compact solution: 43.6 x 28.5 mm (≈ 1.8 sq in)
• Compatible with AC-DC converters with or without PFC in all modes: CCM,
CRM, and DCM
• Enable signal (EN = 3.3 V to 15 V) versus GND_DC (DC or PWM signal)
• Suitable for applications from 50 W up to 1000 W (230 VRMS, TAMB = 60°C)
• Compliant with AC or DC input voltage: 90-265 VAC, 50/60 Hz, or 120-400 VDC
• Robust, immune (2 kV IEC 61000-4-5, 4 kV IEC 61000-4-4)
• Low EMI noise (EN55014 and EN55022) solution




Similar Part No. - STEVALSCR002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVALSMARTAG2 STMICROELECTRONICS-STEVALSMARTAG2 Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
STEVALSMARTAG2A STMICROELECTRONICS-STEVALSMARTAG2A Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
STEVALSPIN3202 STMICROELECTRONICS-STEVALSPIN3202 Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
STEVALSPIN3204 STMICROELECTRONICS-STEVALSPIN3204 Datasheet
4Mb / 8P
Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
Rev 1 - May 2019
STEVALSTWINBX1 STMICROELECTRONICS-STEVALSTWINBX1 Datasheet
848Kb / 6P
STWIN.box - SensorTile Wireless Industrial Node Development Kit
25-Jan-2023
More results


Similar Description - STEVALSCR002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
AC inrush current limiter
Oct-2002
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
AC inrush current limiter
Oct-2002
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
NTC Inrush Current Limiter
logo
Mean Well Enterprises C...
ICL-16R MEANWELL-ICL-16R Datasheet
221Kb / 4P
16A AC Inrush Current Limiter
ICL-28R MEANWELL-ICL-28R Datasheet
199Kb / 5P
28A AC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com