Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVALSPIN3204 Datasheet (PDF) - STMicroelectronics

STEVALSPIN3204 Datasheet PDF - STMicroelectronics
Part # STEVALSPIN3204
Download  STEVALSPIN3204 Download
File Size   4509.29 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller

STEVALSPIN3204 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVALSPIN3204 Datasheet PDF - STMicroelectronics

Part # STEVALSPIN3204
Download  STEVALSPIN3204 Click to download

File Size   4509.29 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller

STEVALSPIN3204 Datasheet (HTML) - STMicroelectronics


STEVALSPIN3204 Product details

Description
The STEVAL-SPIN3204 three-phase brushless DC motor driver board is based on the STSPIN32F0B 3-phase BLDC controller with triple half-bridge gate driver, single shunt resistor current sensing topology and programmable overcurrent protection. The motor controller system-in-package includes an STM32F031C6 microcontroller ready to execute 6-step, field oriented control (FOC) and other advanced driving algorithms in the firmware, which can be downloaded onto the chip flash memory via the board USB port. The board is designed to help you test and develop motor control designs for applications such as power tools, home appliances, fans and pumps, with a flexible evaluation platform that even allows you to toggle between external sensor and sensorless position feedback data methods. Product summary motor driver evaluation board based on the STSPIN32F0B 3-phase BLDC controller STEVALSPIN3204 N-channel 60 V, 3.1 mΩ typ., 80 A STripFET F7 Power MOSFET in a DPAK

Features
■ Input voltage from 7 to 45 V
■ Output current up to 15 ARMS
■ Power stage based on STD140N6F7 MOSFET
■ Embedded 3.3 V buck regulator
■ Embedded 12 V LDO regulator
■ Single shunt current sensing
■ Digital Hall sensors and encoder input
■ Overcurrent comparator
■ Bus voltage sensing
■ Embedded ST-LINK/V2-1
■ Easy user interface with buttons and trimmer
■ RoHS and WEEE compliant

Applications
■ Battery powered power tools
■ Home appliances
■ Pumps and fans
■ Industrial automation




Similar Part No. - STEVALSPIN3204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVALSPIN3202 STMICROELECTRONICS-STEVALSPIN3202 Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
More results


Similar Description - STEVALSPIN3204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFN004V1 STMICROELECTRONICS-STEVAL-IFN004V1 Datasheet
266Kb / 5P
BLDC six-step motor driver based on the L6230 and STM8S105
20-Oct-2011
STEVAL-ILL039V1 STMICROELECTRONICS-STEVAL-ILL039V1 Datasheet
194Kb / 4P
Step-up current controller for 2 LEDs based on the STLDC08 driver
31-Oct-2011
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
STEVAL-ISA038V1 STMICROELECTRONICS-STEVAL-ISA038V1 Datasheet
149Kb / 4P
Single phase 5 A step-down based on PWM controller evaluation board based on the Power Good L6728
10-Mar-2008
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
White LED controller evaluation board based on the STLD40D
27-Oct-2008
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
X-NUCLEONUCLEO-IHM08M1 STMICROELECTRONICS-X-NUCLEONUCLEO-IHM08M1 Datasheet
777Kb / 6P
Low-Voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
June 2017 Rev 3
STEVAL-PTOOL1V1 STMICROELECTRONICS-STEVAL-PTOOL1V1 Datasheet
3Mb / 4P
Compact reference design for low voltage brushless power tools based on STSPIN32F0B
Rev 2 - January 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com