Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-TLL001V1 Datasheet (PDF) - STMicroelectronics

STEVAL-TLL001V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-TLL001V1
Download  STEVAL-TLL001V1 Download
File Size   66.42 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description White LED controller evaluation board based on the STLD40D

STEVAL-TLL001V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-TLL001V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-TLL001V1
Download  STEVAL-TLL001V1 Click to download

File Size   66.42 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description White LED controller evaluation board based on the STLD40D

STEVAL-TLL001V1 Datasheet (HTML) - STMicroelectronics


STEVAL-TLL001V1 Product details

Description
This evaluation board is based on the STLD40D that is a boost converter that operates from 3.0 V to 5.5 V and can provide an output voltage as 37 V and can drive up to 10 white LEDs in series. The converter is a PFM (pulse frequency modulation) inductor switches and can work in discontinuous (DCM) mode operation. A minimum OFF time of the embedded boost switch TSW is fixed internally and allows limiting the switching frequency. The output current capability is 20 mA with an output voltage of 37 V. The regulation is done by sensing the led current through the resistor RLED. The device can be turned ON/OFF through the logic enable signal pin EN. Applying a low frequency PWM signal the LEDs can be dimmed. The maximum peak inductor current can be programmed.

Features
■ Inductor switches boost controller
■ PFM mode control
■ High efficiency over wide range of input voltage from 3.0 V to 5.5 V
■ Over-voltage protection with automatic restart
■ Adjustable peak current limit
■ Enable pin with possibility of PWM dimming control
■ Low shutdown current <1 µA




Similar Part No. - STEVAL-TLL001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
STEVAL-TLL006V2 STMICROELECTRONICS-STEVAL-TLL006V2 Datasheet
255Kb / 4P
New high-power LED driver demo board for single flash with I²C interface based on STCF06 (with motherboard based on µPSD)
March 2012 Rev 1
STEVAL-TLL007V1 STMICROELECTRONICS-STEVAL-TLL007V1 Datasheet
91Kb / 4P
High-power LED driver demonstration board for dual flash with I2C interface based on the STCF05
12-Jan-2010
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
Camera flash with SuperCap™ daughterboard based on the STCF04
June 2012 Rev 1
More results


Similar Description - STEVAL-TLL001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA051V1 STMICROELECTRONICS-STEVAL-ISA051V1 Datasheet
152Kb / 4P
Complete DDR2/3 memory power supply controller evaluation board based on the PM6670S
11-Feb-2008
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
10-Dec-2014
logo
Silicon Laboratories
SI88241ED-IS SILABS-SI88241ED-IS Datasheet
220Kb / 7P
installed on the evaluation board
logo
STMicroelectronics
STEVAL-ISA038V1 STMICROELECTRONICS-STEVAL-ISA038V1 Datasheet
149Kb / 4P
Single phase 5 A step-down based on PWM controller evaluation board based on the Power Good L6728
10-Mar-2008
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
19-Sep-2016
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
29-Sep-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com