Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-TLL008V2 Datasheet (PDF) - STMicroelectronics

STEVAL-TLL008V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-TLL008V2
Download  STEVAL-TLL008V2 Download
File Size   262.54 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Camera flash with SuperCap™ daughterboard based on the STCF04

STEVAL-TLL008V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-TLL008V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-TLL008V2
Download  STEVAL-TLL008V2 Click to download

File Size   262.54 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Camera flash with SuperCap™ daughterboard based on the STCF04

STEVAL-TLL008V2 Datasheet (HTML) - STMicroelectronics


STEVAL-TLL008V2 Product details

Description
The STEVAL-TLL008V2 demonstration board is a daughterboard working in conjunction with the STEVAL-TLL008V1 and was designed to demonstrate the performance of the STCF04 device, which is a buck-boost converter with an I2C interface dedicated to charging a SuperCap™. All LEDs with a forward voltage range from 2.5 V to 5 V are compatible with the STCF04. The forward voltage spread of any selected LED must, however, be within this range (2.5 V to 5 V). It is possible to set the level of the LED current in Flash mode and torch mode by setting the dimming registers. The maximum level of the LED current in Flash mode can be set by changing the external flash resistor.

Features
■ 1.8 MHz buck-boost converter with 1.2 A peak
■ Current limiting and synchronous rectification
■ Programmable current limit
■ Burst mode operation when output is charged
■ Selectable 200 mA / 400 mA SuperCap™ charging current
■ Input voltage range 2.7 V to 5.5 V
■ Programmable output charging voltage up to 5.5 V
■ Full I2C control
■ Controlled LED current in all modes
■ Shorted LED failure detection and protection
■ RoHS compliant




Similar Part No. - STEVAL-TLL008V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
More results


Similar Description - STEVAL-TLL008V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ICB002V1 STMICROELECTRONICS-STEVAL-ICB002V1 Datasheet
105Kb / 4P
Capacitive touch daughterboard based on the STMPE821
25-Feb-2010
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
STEVAL-ICB010V1 STMICROELECTRONICS-STEVAL-ICB010V1 Datasheet
242Kb / 4P
AirNavigationPad based on the STM8T143, STM32F103
02-Feb-2012
STEVAL-IFR003V1 STMICROELECTRONICS-STEVAL-IFR003V1 Datasheet
272Kb / 7P
RTC calibration daughterboard based on the M41T83SMY6E to be used with STEVAL-IFS012V1
16-Dec-2010
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
logo
ams AG
AS3630 AMSCO-AS3630 Datasheet
763Kb / 72P
8A Supercap Flash Driver
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com