Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-TLL008V1 Datasheet (PDF) - STMicroelectronics

STEVAL-TLL008V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-TLL008V1
Download  STEVAL-TLL008V1 Download
File Size   319.7 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Camera flash with SuperCap based on the STCF04

STEVAL-TLL008V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-TLL008V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-TLL008V1
Download  STEVAL-TLL008V1 Click to download

File Size   319.7 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Camera flash with SuperCap based on the STCF04

STEVAL-TLL008V1 Datasheet (HTML) - STMicroelectronics


STEVAL-TLL008V1 Product details

Description
The STEVAL-TLL008V1 demonstration board is a flash LED driver using the STCF04 device, which is a buck-boost converter with an I²C interface dedicated to charging a SuperCap. All LEDs with a forward voltage range from 2.5 V to 5 V are compatible with the STCF04. The forward voltage spread of any selected LED must, however, be within this range (2.5 V to 5 V). It is possible to set the level of the LED current in Flash mode and Torch mode by setting the dimming registers. The maximum level of the LED current in Flash mode can be set by changing the external flash resistor.

Features
■ Different operation modes: – Shutdown mode, mainly used to decrease the power consumption of the device – Monitoring mode, used to monitor the SuperCap voltage – IDLE mode, which allows the accessing of all the internal registers – NTC feature, which can be used in all modes. The NTC is activated automatically in flash and Torch mode regardless of the value of the NTC_ON bit. NTC must be activated manually in all the other modes – Torch mode, intended to be used for low light intensities. The LED current in Torch mode can be adjusted in a range from 15 mA up to 300 mA – Flash mode, intended to be used for high light intensities. The LED current in Flash mode can be adjusted up to 10 A with the input voltage ranging from 2.7 V up to 5.5 V
■ Status register and ATN pin
■ Ready pin
■ Light sensor (optional)
■ RoHS compliant




Similar Part No. - STEVAL-TLL008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
Camera flash with SuperCap™ daughterboard based on the STCF04
June 2012 Rev 1
More results


Similar Description - STEVAL-TLL008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
STEVAL-ICB010V1 STMICROELECTRONICS-STEVAL-ICB010V1 Datasheet
242Kb / 4P
AirNavigationPad based on the STM8T143, STM32F103
02-Feb-2012
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
STEVAL-TLL007V1 STMICROELECTRONICS-STEVAL-TLL007V1 Datasheet
91Kb / 4P
High-power LED driver demonstration board for dual flash with I2C interface based on the STCF05
12-Jan-2010
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
ams AG
AS3630 AMSCO-AS3630 Datasheet
763Kb / 72P
8A Supercap Flash Driver
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
Camera flash with SuperCap™ daughterboard based on the STCF04
June 2012 Rev 1
logo
NXP Semiconductors
IMX7ULPWSG NXP-IMX7ULPWSG Datasheet
7Mb / 12P
Based on the i.MX 7ULP Applications Processor
2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com