Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-TLL006V2 Datasheet (PDF) - STMicroelectronics

STEVAL-TLL006V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-TLL006V2
Download  STEVAL-TLL006V2 Download
File Size   255.95 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description New high-power LED driver demo board for single flash with I²C interface based on STCF06 (with motherboard based on µPSD)

STEVAL-TLL006V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-TLL006V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-TLL006V2
Download  STEVAL-TLL006V2 Click to download

File Size   255.95 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description New high-power LED driver demo board for single flash with I²C interface based on STCF06 (with motherboard based on µPSD)

STEVAL-TLL006V2 Datasheet (HTML) - STMicroelectronics


STEVAL-TLL006V2 Product details

Description
The STEVAL-TLL006V2 demonstration board implements a flash LED driver using the STCF06 device, which is a buck-boost current mode converter with an I2C interface. As technology for external components has greatly improved, in this new version “V2” it was possible to shrink the original application and maintain the same level of performance or similar. The flash LED driver STCF06 has a high operational frequency (1.8 MHz) which allows the use of small external components. The STEVAL-TLL006V2 is designed for driving a single LED with a forward voltage range from 2.7 to 5 V. For easy connection to the PC, a motherboard is supplied based on µPSD which is used as a bridge. The STCF06 motherboard uses a USB human interface device class to communicate with the PC. It is not necessary to install any driver, if the operating system is able to enumerate USB human interface devices. Connect the motherboard to the PC through the USB cable (AB type). Wait until the computer enumerates the control board and displays the message that new hardware has been found and is ready to use. It is then possible to run the data packet creator application by pressing the “Connect board” button.

Features
■ Buck-boost DC-DC converter
■ Drives one power LED up to: – 1.5 A between 3.5 V to 5.5 V – 1.3 A between 3.0 V to 5.5 V – 1 A between 2.7 V to 5.5 V
■ Efficiency up to 85%
■ LED current control
■ 1.8 MHz fixed frequency PWM
■ Full I2C control
■ Motherboard based on µPSD used as USB bridge
■ RoHS compliant




Similar Part No. - STEVAL-TLL006V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
White LED controller evaluation board based on the STLD40D
27-Oct-2008
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
STEVAL-TLL007V1 STMICROELECTRONICS-STEVAL-TLL007V1 Datasheet
91Kb / 4P
High-power LED driver demonstration board for dual flash with I2C interface based on the STCF05
12-Jan-2010
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
Camera flash with SuperCap™ daughterboard based on the STCF04
June 2012 Rev 1
More results


Similar Description - STEVAL-TLL006V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA035V1 STMICROELECTRONICS-STEVAL-CCA035V1_12 Datasheet
363Kb / 5P
APWLink USB interface board based on the STA120D
17-May-2012
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
STEVAL-TLL007V1 STMICROELECTRONICS-STEVAL-TLL007V1 Datasheet
91Kb / 4P
High-power LED driver demonstration board for dual flash with I2C interface based on the STCF05
12-Jan-2010
AN4350 STMICROELECTRONICS-AN4350 Datasheet
1Mb / 34P
High power factor LED driver with constant voltage regulation based on HVLED815PF
10-Feb-2014
STEVAL-IFP028V1 STMICROELECTRONICS-STEVAL-IFP028V1 Datasheet
245Kb / 4P
Single high side driver based on IPS160H
08-Mar-2016
STEVAL-IFP034V1 STMICROELECTRONICS-STEVAL-IFP034V1 Datasheet
255Kb / 4P
Single high side driver based on IPS161H
January 2017 Rev 1
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com