Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP028V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IFP028V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFP028V1
Download  STEVAL-IFP028V1 Download
File Size   245.51 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single high side driver based on IPS160H

STEVAL-IFP028V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFP028V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFP028V1
Download  STEVAL-IFP028V1 Click to download

File Size   245.51 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single high side driver based on IPS160H

STEVAL-IFP028V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IFP028V1 Product details

Description
The STEVAL-IFP028V1 is an evaluation board designed to analyze all IPS160H functionality. It is designed to meet application requirements in terms of galvanic isolation between the user interface and the power interface. This requirement is satisfied via optical isolation implemented through two optocouplers, OPTO1 and OPT2, for forward signals to the device and for diagnostic feedback signals, respectively, in compliance with IEC 61000-4-2, IEC61000-4-4, IEC 61000-4-5 requirements. These requirements are satisfied by IPS160H itself and by the U1 component (the external TVS between VCC supply rail and power ground). A dedicated GUI interface was developed to facilitate the testing of IPS160H functionality. To use the GUI, connect the STEVAL-IFP028V1 to the STEVAL-PCC009V2 with a 30-way flat cable, followed by a USB connection between the STEVAL-PCC009V2 and the PC where the GUI runs. The GUI can be used to drive the STEVALIFP028V1 and monitor the status of the output on the power side, receiving fault information available on the IPS160H DIAG pin. The STEVAL-IFP028V1 can be operate in an 8 to 60 V range, bearing in mind that the red LED functionality on the DIAG pin is only guaranteed from VCC = 12 V and that for a supply voltage higher than 40 V, J1 must be open to avoid permanent damage to U1. Finally, the STEVAL-IFP028V1 optimizes thermal performance through a careful layout which includes a dedicated copper area connected to the exposed pad of the PSSO12 package, also acting as a heatsink.




Similar Part No. - STEVAL-IFP028V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP020V1 STMICROELECTRONICS-STEVAL-IFP020V1 Datasheet
164Kb / 4P
PLC (for industrial automation) digital output solution using a 2.5 A single high-side smart power switch based on the L6370Q
22-Dec-2011
STEVAL-IFP021V1 STMICROELECTRONICS-STEVAL-IFP021V1 Datasheet
181Kb / 4P
5 V and 12 V power line protection based on STEF05 and STEF12 electronic fuses
27-Jan-2012
STEVAL-IFP022V1 STMICROELECTRONICS-STEVAL-IFP022V1 Datasheet
266Kb / 5P
Eight-channel high-side driver based on the VNI8200XP
19-Jul-2013
STEVAL-IFP023V1 STMICROELECTRONICS-STEVAL-IFP023V1 Datasheet
269Kb / 4P
16-bit digital input card based on the CLT01-38S4 high-speed protected digital termination array
09-Dec-2014
More results


Similar Description - STEVAL-IFP028V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21851SPBF IRF-IRS21851SPBF Datasheet
398Kb / 16P
SINGLE HIGH SIDE DRIVER IC
logo
STMicroelectronics
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
High Side Driver - 8 Channel based on VN808
31-Jan-2006
VN610SP-E STMICROELECTRONICS-VN610SP-E Datasheet
186Kb / 18P
SINGLE CHANNEL HIGH SIDE DRIVER
Oct-2004
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
VN920-12-E STMICROELECTRONICS-VN920-12-E Datasheet
1Mb / 23P
Single-channel high side driver
20-Sep-2013
AN4373 STMICROELECTRONICS-AN4373 Datasheet
1Mb / 14P
Galvanically-isolated 8 channel high-side driver based on the ISO8200B
15-Oct-2013
logo
International Rectifier
IRS21850SPBF IRF-IRS21850SPBF_15 Datasheet
344Kb / 20P
SINGLE HIGH SIDE DRIVER IC
logo
STMicroelectronics
STEVAL-IFP022V1 STMICROELECTRONICS-STEVAL-IFP022V1 Datasheet
266Kb / 5P
Eight-channel high-side driver based on the VNI8200XP
19-Jul-2013
STEVAL-IFP032V1 STMICROELECTRONICS-STEVAL-IFP032V1 Datasheet
340Kb / 5P
Eight-channel high-side driver based on the VNI8200XP-32
02-Feb-2016
STEVAL-IFP034V1 STMICROELECTRONICS-STEVAL-IFP034V1 Datasheet
255Kb / 4P
Single high side driver based on IPS161H
January 2017 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com