Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP021V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IFP021V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFP021V1
Download  STEVAL-IFP021V1 Download
File Size   181.91 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V and 12 V power line protection based on STEF05 and STEF12 electronic fuses

STEVAL-IFP021V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFP021V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFP021V1
Download  STEVAL-IFP021V1 Click to download

File Size   181.91 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V and 12 V power line protection based on STEF05 and STEF12 electronic fuses

STEVAL-IFP021V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IFP021V1 Product details

Description
The STEVAL-IFP021V1 demonstration board is based on the STEF05 and STEF12 electronic fuses (E-Fuses). It is designed to help users evaluate the benefit of the complete protection offered by the E-Fuse family and to customize their own application. The E-Fuse family of hot-swap converters is designed to replace the mechanical fuses on low voltage power lines. The STEF05 and STEF12 are integrated electronic fuses optimized for monitoring output current and input voltage. Connected in series to the 5 V/12 V rails, they are capable of protecting the electronic circuitry on the output from overcurrent and overvoltage. The turn-on time is programmable by means of an external capacitor, allowing control of the inrush current at startup and during hot-swaps. When an overload condition occurs, the E-Fuse limits the output current to a predefined safe value. If the anomalous overload condition persists, it goes into an open state, disconnecting the load from the power supply. If a continuous short-circuit is present on the board, when power is re-applied the E-Fuse initially limits the output current to a safe value, and then again goes into an open state. Both devices are equipped with a thermal protection circuit. The intervention of the thermal protection is signaled to the board monitoring circuits through a signal on the enable/fault pin that can be connected to other parts belonging to the same family to cause a simultaneous shutdown during failure events. Unlike mechanical fuses, which must be physically replaced after a single event, E-Fuses do not degrade in their performance after shortcircuit/thermal protection interventions and can be reset either by re-cycling the supply voltage or by using the enable pin.

Features
■ Input voltages: 5 V and 12 V
■ Continuous current: 3.6 A (typ.) each
■ Adjustable slew rate for output voltage
■ Overvoltage clamp
■ Undervoltage lockout
■ Programmable short-circuit current limit
■ Overload current limit
■ Controlled output voltage ramp




Similar Part No. - STEVAL-IFP021V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP020V1 STMICROELECTRONICS-STEVAL-IFP020V1 Datasheet
164Kb / 4P
PLC (for industrial automation) digital output solution using a 2.5 A single high-side smart power switch based on the L6370Q
22-Dec-2011
STEVAL-IFP022V1 STMICROELECTRONICS-STEVAL-IFP022V1 Datasheet
266Kb / 5P
Eight-channel high-side driver based on the VNI8200XP
19-Jul-2013
STEVAL-IFP023V1 STMICROELECTRONICS-STEVAL-IFP023V1 Datasheet
269Kb / 4P
16-bit digital input card based on the CLT01-38S4 high-speed protected digital termination array
09-Dec-2014
STEVAL-IFP028V1 STMICROELECTRONICS-STEVAL-IFP028V1 Datasheet
245Kb / 4P
Single high side driver based on IPS160H
08-Mar-2016
More results


Similar Description - STEVAL-IFP021V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
logo
STMicroelectronics
AN4069 STMICROELECTRONICS-AN4069 Datasheet
813Kb / 16P
This demonstration board is based on the STEF05 and STEF12 electronic fuses
12-Mar-2012
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
29-Feb-16
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
Electronic fuse for 3.3 V and 5 V lines
02-Dec-2014
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
logo
Vishay Siliconix
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
6 Ω On-Resistance, 12 V, ± 5 V, 5 V, 3 V, SPST and SPDT Switches
11-Apr-2022
logo
STMicroelectronics
EVL400W-80PL STMICROELECTRONICS-EVL400W-80PL Datasheet
2Mb / 9P
12 V - 400 W adapter based on L4985A, L6699 and SRK2001
05-Jul-2022
STEL12H24 STMICROELECTRONICS-STEL12H24 Datasheet
728Kb / 26P
Electronic switch for 12 V, 5 V and 3.3 V buses
13-Oct-2021
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com