Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP020V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IFP020V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFP020V1
Download  STEVAL-IFP020V1 Download
File Size   164.79 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PLC (for industrial automation) digital output solution using a 2.5 A single high-side smart power switch based on the L6370Q

STEVAL-IFP020V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFP020V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFP020V1
Download  STEVAL-IFP020V1 Click to download

File Size   164.79 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PLC (for industrial automation) digital output solution using a 2.5 A single high-side smart power switch based on the L6370Q

STEVAL-IFP020V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IFP020V1 Product details

Description
The STEVAL-IFP020V1 demonstration board is based on the L6370Q, a single-channel high-side driver chip intended for driving resistive, inductive or capacitive loads in an industrial environment. It provides an embedded fast demagnetization feature for inductive load switch-off. The device evaluates load disconnection (during channel on-state), output short to VCC or GND, overtemperature, undervoltage of supply voltage, and provides feedback to a control unit. Integrating an extensive set of electrical protections makes the application safe and reliable for use in harsh conditions. The STEVAL-IFP020V1 demonstration board is an example of application design using the L6370Q. It is used to guide the designer in choosing external components for applications while providing an appropriate PCB design. STEVAL-IFP020V1

Features
■ Single-channel topology
■ Galvanic isolation
■ 2.5 A output current
■ 9.5 V to 35 V supply voltage range
■ Short-circuit, overload, and thermal protections
■ Loss of ground and VS protections
■ Fast demagnetization of inductive loads
■ Open load, output short to VS detection
■ Two diagnostic outputs
■ Output status LED driver
■ EMC immunity against burst, surge, and ESD
■ RoHS compliant




Similar Part No. - STEVAL-IFP020V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP021V1 STMICROELECTRONICS-STEVAL-IFP021V1 Datasheet
181Kb / 4P
5 V and 12 V power line protection based on STEF05 and STEF12 electronic fuses
27-Jan-2012
STEVAL-IFP022V1 STMICROELECTRONICS-STEVAL-IFP022V1 Datasheet
266Kb / 5P
Eight-channel high-side driver based on the VNI8200XP
19-Jul-2013
STEVAL-IFP023V1 STMICROELECTRONICS-STEVAL-IFP023V1 Datasheet
269Kb / 4P
16-bit digital input card based on the CLT01-38S4 high-speed protected digital termination array
09-Dec-2014
STEVAL-IFP028V1 STMICROELECTRONICS-STEVAL-IFP028V1 Datasheet
245Kb / 4P
Single high side driver based on IPS160H
08-Mar-2016
More results


Similar Description - STEVAL-IFP020V1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
logo
STMicroelectronics
L6370Q STMICROELECTRONICS-L6370Q Datasheet
270Kb / 16P
2.5 A single high-side smart power switch
04-Oct-2011
L6370QTR STMICROELECTRONICS-L6370QTR Datasheet
329Kb / 17P
2.5 A single high-side smart power switch
24-Jan-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com