Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP022V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IFP022V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFP022V1
Download  STEVAL-IFP022V1 Download
File Size   266.8 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Eight-channel high-side driver based on the VNI8200XP

STEVAL-IFP022V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFP022V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFP022V1
Download  STEVAL-IFP022V1 Click to download

File Size   266.8 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Eight-channel high-side driver based on the VNI8200XP

STEVAL-IFP022V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IFP022V1 Product details

Description
The STEVAL-IFP022V1 demonstration board is based on VNI8200XP high-side driver. It was developed as an instrument to test device functionality in terms of power management and digital interface. As required by industrial standards, the board’s isolated interface between the IPS and host controller were implemented using high-speed opto-couplers for IPS driving, and low-speed opto-couplers to receive device status information. The connection is achieved through a 30-pin connector. To provide a user-friendly way to test VNI8200XP device functionality, a GUI interface was developed. To use the GUI it is necessary to connect the STEVAL-IFP022V1 demonstration board to a PC by using a communication board (part number STEVAL-PCC009V2).

Features
■ Operating voltage: from 10.5 to 33 V
■ Operating current: 0.7 A for each channel
■ Reverse polarity protection
■ High-speed opto-isolation for SPI and parallel communication
■ Low-speed opto-isolation for device fault signaling
■ Step-down converter for 3.3 V or 5 V
■ Digital supply voltage
■ LED matrix for channel status signaling
■ Microcontroller interface
■ Designed to meet EMC standard requirements: IEC 61000-4-2, IEC 61000-4-4, IEC 61000-4-5
■ RoHS compliant




Similar Part No. - STEVAL-IFP022V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP020V1 STMICROELECTRONICS-STEVAL-IFP020V1 Datasheet
164Kb / 4P
PLC (for industrial automation) digital output solution using a 2.5 A single high-side smart power switch based on the L6370Q
22-Dec-2011
STEVAL-IFP021V1 STMICROELECTRONICS-STEVAL-IFP021V1 Datasheet
181Kb / 4P
5 V and 12 V power line protection based on STEF05 and STEF12 electronic fuses
27-Jan-2012
STEVAL-IFP023V1 STMICROELECTRONICS-STEVAL-IFP023V1 Datasheet
269Kb / 4P
16-bit digital input card based on the CLT01-38S4 high-speed protected digital termination array
09-Dec-2014
STEVAL-IFP028V1 STMICROELECTRONICS-STEVAL-IFP028V1 Datasheet
245Kb / 4P
Single high side driver based on IPS160H
08-Mar-2016
More results


Similar Description - STEVAL-IFP022V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
High Side Driver - 8 Channel based on VN808
31-Jan-2006
STEVAL-CCA009V1 STMICROELECTRONICS-STEVAL-CCA009V1 Datasheet
109Kb / 5P
High performance stereo headphone driver demonstration board based on the TS4601B
19-Nov-2010
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
Offline constant current LED driver based on the VIPer17
01-Sep-2008
AN2754 STMICROELECTRONICS-AN2754 Datasheet
307Kb / 20P
Buck high-brightness LED driver based on the ST1S10
28-Aug-2008
AN4373 STMICROELECTRONICS-AN4373 Datasheet
1Mb / 14P
Galvanically-isolated 8 channel high-side driver based on the ISO8200B
15-Oct-2013
STEVAL-IFP028V1 STMICROELECTRONICS-STEVAL-IFP028V1 Datasheet
245Kb / 4P
Single high side driver based on IPS160H
08-Mar-2016
STEVAL-IFP032V1 STMICROELECTRONICS-STEVAL-IFP032V1 Datasheet
340Kb / 5P
Eight-channel high-side driver based on the VNI8200XP-32
02-Feb-2016
STEVAL-IFP034V1 STMICROELECTRONICS-STEVAL-IFP034V1 Datasheet
255Kb / 4P
Single high side driver based on IPS161H
January 2017 Rev 1
STEVAL-ISQ007V1 STMICROELECTRONICS-STEVAL-ISQ007V1 Datasheet
122Kb / 4P
High-side current-sense amplifier demonstration board based on the TSC101
12-Feb-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com