Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISQ007V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISQ007V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISQ007V1
Download  STEVAL-ISQ007V1 Download
File Size   122.85 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-side current-sense amplifier demonstration board based on the TSC101

STEVAL-ISQ007V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISQ007V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISQ007V1
Download  STEVAL-ISQ007V1 Click to download

File Size   122.85 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-side current-sense amplifier demonstration board based on the TSC101

STEVAL-ISQ007V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISQ007V1 Product details

Description
This demonstration board is specifically designed for the TSC101 integrated circuit. The TSC101 measures a very small voltage drop on a high-side shunt resistor, and, using an internally fixed gain, amplifies the difference into a ground-referenced output voltage; the amplification gain is internally fixed. Input common-mode and power supply voltages are independent. The common-mode voltage can range from 2.8 V to 30 V in operating conditions, and up to 60 V in

Features
■ Independent supply and input common-mode voltages
■ Wide common-mode operating range: 2.8 V to 30 V
■ Wide common-mode surviving range: -0.3 V to 60 V (load-dump)
■ Wide supply voltage range: 4 V to 24 V
■ Low current consumption: ICC max is 300 µA
■ Internally fixed gain: – 20 V/V (TSC101A) – 50 V/V (TSC101B) – 100 V/V (TSC101C)
■ Buffered output




Similar Part No. - STEVAL-ISQ007V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISQ002V1 STMICROELECTRONICS-STEVAL-ISQ002V1 Datasheet
235Kb / 4P
RS232 to PMBus bridge demonstration board based on the ST72264G1
25-Feb-2011
STEVAL-ISQ006V1 STMICROELECTRONICS-STEVAL-ISQ006V1 Datasheet
292Kb / 5P
USB to PMBus bridge demonstration board based on the ST72F651
28-Nov-2008
STEVAL-ISQ008V1 STMICROELECTRONICS-STEVAL-ISQ008V1 Datasheet
485Kb / 7P
Fuel gauge implementation based on the STM32F103x
10-Jan-2011
STEVAL-ISQ009V1 STMICROELECTRONICS-STEVAL-ISQ009V1 Datasheet
157Kb / 5P
Load share controller demonstration board based on the L6615
22-Feb-2010
More results


Similar Description - STEVAL-ISQ007V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-TDR028V1 STMICROELECTRONICS-STEVAL-TDR028V1 Datasheet
169Kb / 11P
RF power amplifier demonstration board based on the STAC2942B
03-Jun-2010
STEVAL-TDR029V1 STMICROELECTRONICS-STEVAL-TDR029V1 Datasheet
192Kb / 10P
RF power amplifier demonstration board based on the STAC2942B
03-Jun-2010
STEVAL-CCA025V1 STMICROELECTRONICS-STEVAL-CCA025V1 Datasheet
91Kb / 4P
Class G capless headphone amplifier demonstration board based on the TS4621E
22-Sep-2011
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-ISQ013V1 STMICROELECTRONICS-STEVAL-ISQ013V1 Datasheet
74Kb / 4P
Low-side current sensing demonstration board based on the TS507
23-Aug-2010
STEVAL-AETKT1V1 STMICROELECTRONICS-STEVAL-AETKT1V1 Datasheet
244Kb / 5P
High voltage bidirectional current sense amplifier evaluation kit based on the
Rev 1 - March 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com