Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISQ013V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISQ013V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISQ013V1
Download  STEVAL-ISQ013V1 Download
File Size   74.26 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-side current sensing demonstration board based on the TS507

STEVAL-ISQ013V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISQ013V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISQ013V1
Download  STEVAL-ISQ013V1 Click to download

File Size   74.26 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-side current sensing demonstration board based on the TS507

STEVAL-ISQ013V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISQ013V1 Product details

Description
Current sensing is very useful for protecting applications. The STEVAL-ISQ013V1 demonstration board implements a low-side current sensing which consists in placing a sense resistor between the load and the circuit ground and the resulting voltage drop is amplified using a TS507 op amp. The common mode voltage is close to ground, whatever the voltage of the power source, so the current sense voltage can be amplified by this low voltage op amp without any restrictions. The circuit offers very stable electrical characteristics over the entire supply voltage range and is particularly intended for automotive and industrial applications. STEVAL-ISQ013V1

Features
■ Ultra low offset voltage: 25 µV typ, 100 µV max
■ Rail-to-rail input/output voltage swing
■ Operating from 2.7 V to 5.5 V
■ High speed: 1.9 MHz
■ 45° phase margin with 100 pF
■ Low consumption: 0.8 mA at 2.7 V
■ Very large signal voltage gain: 131 dB
■ High power supply rejection ratio: 105 dB
■ Very high ESD protection 5 kV (HBM)
■ Latch-up immunity
■ RoHS compliant




Similar Part No. - STEVAL-ISQ013V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISQ002V1 STMICROELECTRONICS-STEVAL-ISQ002V1 Datasheet
235Kb / 4P
RS232 to PMBus bridge demonstration board based on the ST72264G1
25-Feb-2011
STEVAL-ISQ006V1 STMICROELECTRONICS-STEVAL-ISQ006V1 Datasheet
292Kb / 5P
USB to PMBus bridge demonstration board based on the ST72F651
28-Nov-2008
STEVAL-ISQ007V1 STMICROELECTRONICS-STEVAL-ISQ007V1 Datasheet
122Kb / 4P
High-side current-sense amplifier demonstration board based on the TSC101
12-Feb-2009
STEVAL-ISQ008V1 STMICROELECTRONICS-STEVAL-ISQ008V1 Datasheet
485Kb / 7P
Fuel gauge implementation based on the STM32F103x
10-Jan-2011
STEVAL-ISQ009V1 STMICROELECTRONICS-STEVAL-ISQ009V1 Datasheet
157Kb / 5P
Load share controller demonstration board based on the L6615
22-Feb-2010
More results


Similar Description - STEVAL-ISQ013V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-ICB007V1 STMICROELECTRONICS-STEVAL-ICB007V1 Datasheet
71Kb / 4P
Capacitive touch demonstration board based on the STMPE321
03-Jun-2011
STEVAL-ICB008V1 STMICROELECTRONICS-STEVAL-ICB008V1 Datasheet
136Kb / 6P
Touch-sensing software library demonstration board based on the STM8S
18-Nov-2010
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
Four-layer demonstration board based on the STA333IS
01-Jul-2013
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-ISQ007V1 STMICROELECTRONICS-STEVAL-ISQ007V1 Datasheet
122Kb / 4P
High-side current-sense amplifier demonstration board based on the TSC101
12-Feb-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com