Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEL12H24 Datasheet (PDF) - STMicroelectronics

STEL12H24 Datasheet PDF - STMicroelectronics
Part # STEL12H24
Download  STEL12H24 Download
File Size   728.03 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic switch for 12 V, 5 V and 3.3 V buses

STEL12H24 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEL12H24 Datasheet PDF - STMicroelectronics

Part # STEL12H24
Download  STEL12H24 Click to download

File Size   728.03 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic switch for 12 V, 5 V and 3.3 V buses

STEL12H24 Datasheet (HTML) - STMicroelectronics


STEL12H24 Product details

Features
• Power Input voltage from 0.5 V to 13.5 V
• Analog input voltage from 3.0 V to 13.5 V
• 17 A max DC output current
• Embedded 4.5 mΩ N-channel MOSFET
• Internal output discharge path
• Power Good
• Soft-start controlled with external capacitor
• Undervoltage lockout
• Short-circuit protection
• Thermal protection
• Operating junction temperature range: -40 C to 125 C

Description
The STEL12H24 is an integrated controlled inrush and overcurrent protection device
optimized for power bus architectures.
When connected to a 12 V, 5 V or 3.3 V power rail, it is able to limit the inrush
current, detect input voltage faults and short-circuit conditions and signal these
events via a Power Good output.
The low RDSON value of the integrated MOSFET guarantees these conditions and
low power dissipation during normal operation.
The device is available in a DFN12 leads 3 x 3 mm.

Application
• Bus protection
• Hot-swap and peripheral port protection
• Telecom, Networking and Industrial equipment
• Servers and Gateways




Similar Part No. - STEL12H24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STEL-2020 ETC-STEL-2020 Datasheet
1Mb / 11P
Convolutional-FEC-Viterbi Error Circuit - Burst and continuous modes
STEL2020 ETC-STEL2020 Datasheet
1Mb / 11P
Convolutional-FEC-Viterbi Error Circuit - Burst and continuous modes
logo
STMicroelectronics
STELPD01 STMICROELECTRONICS-STELPD01 Datasheet
1Mb / 27P
Electronic load switch for power line
17-Jan-2022
STELPD01APUR STMICROELECTRONICS-STELPD01APUR Datasheet
1Mb / 27P
Electronic load switch for power line
17-Jan-2022
More results


Similar Description - STEL12H24

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7943 AD-AD7943 Datasheet
329Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV.B
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
Electronic fuse for 3.3 V and 5 V lines
02-Dec-2014
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com