Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STELPD01 Datasheet (PDF) - STMicroelectronics

STELPD01 Datasheet PDF - STMicroelectronics
Part # STELPD01
Download  STELPD01 Download
File Size   1418.54 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic load switch for power line

STELPD01 Datasheet (PDF)

Go To PDF Page Download Datasheet
STELPD01 Datasheet PDF - STMicroelectronics

Part # STELPD01
Download  STELPD01 Click to download

File Size   1418.54 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic load switch for power line

STELPD01 Datasheet (HTML) - STMicroelectronics


STELPD01 Product details

Features
• Wide input voltage range: 4 V to 18 V
• 17.5 V typical output overvoltage clamp
• Absolute maximum voltage of 23.5 V
• 5 A maximum continuous current
• Adjustable current limit with circuit breaker functionality
• Thermal protection
• Input undervoltage lockout
• Low inrush current during startup
• Integrated 40 mΩ Power FET
• EN/Fault pin
• Adjustable slew rate for output voltage
• Gate control pin for reverse current blocking FET
• Latch or auto-retry
• Available in DFN10L (3x3 mm) package

Description
The STELPD01 is an integrated electronic power switch for power rail protection
applications.
It is able to precisely detect and react to overcurrent and overvoltage conditions.
When an overload condition occurs, the device goes into an open state,
disconnecting the load from the power supply. An external power MOSFET can be
driven to manage the power loss protection in case of fault condition.
In case of overvoltage on the input, the device regulates the output to a preset 17.5 V
value.
Undervoltage lockout prevents the load from malfunction, keeping the device off if the
rail voltage is too low.
The STELPD01 features an adjustable turn-on slew-rate, which is useful to keep the
in-rush current under control during startup and hot-swap operations.

Applications
• Hot-Swap, Hot-Plug protection
• Industrial Systems
• VBUS management for Type-C and USB PD applications




Similar Part No. - STELPD01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STEL-2020 ETC-STEL-2020 Datasheet
1Mb / 11P
Convolutional-FEC-Viterbi Error Circuit - Burst and continuous modes
logo
STMicroelectronics
STEL12H24 STMICROELECTRONICS-STEL12H24 Datasheet
728Kb / 26P
Electronic switch for 12 V, 5 V and 3.3 V buses
13-Oct-2021
logo
List of Unclassifed Man...
STEL2020 ETC-STEL2020 Datasheet
1Mb / 11P
Convolutional-FEC-Viterbi Error Circuit - Burst and continuous modes
More results


Similar Description - STELPD01

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0638 SUTEX-HT0638 Datasheet
50Kb / 4P
Electronic Line Switch
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
Electronic Telephone Line Switch
HT18 SUTEX-HT18_07 Datasheet
369Kb / 4P
Electronic Telephone Line Switch
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
Electronic Telephone Line Switch
HT18 SUTEX-HT18_14 Datasheet
443Kb / 4P
Electronic Telephone Line Switch
logo
Maxim Integrated Produc...
MAX77734EVKIT MAXIM-MAX77734EVKIT Datasheet
2Mb / 17P
On-Board Electronic Load for LDO
Rev 0; 9/17
logo
PHOENIX CONTACT
101764 PHOENIX-101764 Datasheet
68Kb / 5P
Electronic Reversing-Load Relay for DC Motors
logo
Shenzhen Guan Hua Wei Y...
WSD20100DN56 WIINSOK-WSD20100DN56 Datasheet
2Mb / 5P
Load Switch Power System
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
DC Electronic Load
logo
ITECH ELECTRONIC CO.,LT...
IT8211 ITECH-IT8211 Datasheet
72Kb / 1P
DC Power Sources DC Electronic Load
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com