Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0638 Datasheet (PDF) - Supertex, Inc

HT0638 Datasheet PDF - Supertex, Inc
Part # HT0638
Download  HT0638 Download
File Size   50.17 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Electronic Line Switch

HT0638 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT0638 Datasheet PDF - Supertex, Inc

Part # HT0638
Download  HT0638 Click to download

File Size   50.17 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Electronic Line Switch

HT0638 Datasheet (HTML) - Supertex, Inc


HT0638 Product details

General Description
The Supertex HT0638 is an integrated electronic line switch controllable from four logic-level inputs. These devices are intended as a replacement for mechanical hook switches and relays in telephones, answering machines, and similar telecommunications equipment. They switch the positive (Tip) side of the telephone line using control inputs that are referenced to the negative (Ring) side of the line. In the off state, it can hold-off 375 volts. In the on state, the series resistance is 15Ω maximum.

Features
❑ 15Ω maximum switch resistance
❑ Current limiting protection
❑ 4 logic control inputs
❑ Operates at 2V input
❑ 2µA maximum quiescent current at 100V

Applications
❑ Telephone handsets
❑ Fax machines
❑ Answering machines
❑ Auto-dial alarm systems




Similar Part No. - HT0638

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT0610 HOLTEK-HT0610 Datasheet
462Kb / 22P
33 x 120 LCD Driver
February 24, 2004
logo
Kemet Corporation
HT06AB224JN KEMET-HT06AB224JN Datasheet
51Kb / 1P
Capacitor, ceramic
HT06BB105KN KEMET-HT06BB105KN Datasheet
51Kb / 1P
Capacitor, ceramic
HT06BB333KN KEMET-HT06BB333KN Datasheet
51Kb / 1P
Capacitor, ceramic
HT06BW104KN KEMET-HT06BW104KN Datasheet
51Kb / 1P
Capacitor, ceramic
More results


Similar Description - HT0638

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
Electronic Telephone Line Switch
logo
Sanyo Semicon Device
LA7016 SANYO-LA7016 Datasheet
77Kb / 3P
VCR Electronic Switch
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
VCR Electronic Switch
logo
Supertex, Inc
HT18 SUTEX-HT18_07 Datasheet
369Kb / 4P
Electronic Telephone Line Switch
logo
List of Unclassifed Man...
A00596 ETC2-A00596 Datasheet
180Kb / 2P
Electronic Speed Switch
PS1000-R06L ETC2-PS1000-R06L Datasheet
138Kb / 2P
Electronic Pressure Switch
logo
Supertex, Inc
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
Electronic Telephone Line Switch
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
ELECTRONIC PRESSURE SWITCH
logo
Supertex, Inc
HT18 SUTEX-HT18_14 Datasheet
443Kb / 4P
Electronic Telephone Line Switch
logo
STMicroelectronics
STELPD01 STMICROELECTRONICS-STELPD01 Datasheet
1Mb / 27P
Electronic load switch for power line
17-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com