Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0610 Datasheet (PDF) - Holtek Semiconductor Inc

HT0610 Datasheet PDF - Holtek Semiconductor Inc
Part # HT0610
Download  HT0610 Download
File Size   462.55 Kbytes
Page   22 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 33 x 120 LCD Driver

HT0610 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT0610 Datasheet PDF - Holtek Semiconductor Inc

Part # HT0610
Download  HT0610 Click to download

File Size   462.55 Kbytes
Page   22 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 33 x 120 LCD Driver

HT0610 Datasheet (HTML) - Holtek Semiconductor Inc


HT0610 Product details

General Description

The HT0610 is a driver and controller LSI for graphic dot-matrix liquid crystal display systems. It has 33 common and 120 segment driver circuits. This chip is connected directly to an MCU, accepts 8-bit parallel display data and stores an on-chip graphic display data RAM (BGDRAM) of 33 x 120 bits. It provides a high-flexible display section due to the one-to-one correspondence between BGDRAM bits and LCD panel pixels. It performs BGDRAM read/write operation with no externally operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive an LCD, it is possible to make a display system with minimal components.



Features

• Operating voltage: 2.4V~3.5V

• 33 common/120 segment LCD driver output

• 33x120=3960 bits capacity of built-in graphic display data RAM (BGDRAM)

• Master and slave mode available for multi-chip operation

• 8-bit Parallel interface with general MCU

• On-chip oscillator circuit for display clock, external clock can also be used

• Selectable multiplex ratio: 1/16, 1/32, 1/33

• Selectable bias ratio: 1/5 or 1/7

• External driving circuit for external bias supply

• On-chip selectable voltage doublers and tripler

• Wide range of operating temperature: -30°C to 85°C

• S/W controlled electronic contrast control function (16 levels)

• External contrast control

• Low power icon mode driven by com32

• Four static icon driver circuit

• High accuracy voltage regulator with temperature coefficient (0.00%, -0.18%, -0.22%, -0.35%)

• Low power consumption

   - Read/write mode 170μA (Typical)

   - Display mode 160μA (Typical)

   - Standby mode 15μA (Typical; Display off; internal oscillator enable)

   - Standby mode < 1μA (Typical; Display off; external oscillator enable)

• CMOS process

• TCP available



 




Similar Part No. - HT0610

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0638 SUTEX-HT0638 Datasheet
50Kb / 4P
Electronic Line Switch
HT0638LG SUTEX-HT0638LG Datasheet
50Kb / 4P
Electronic Line Switch
logo
Kemet Corporation
HT06AB224JN KEMET-HT06AB224JN Datasheet
51Kb / 1P
Capacitor, ceramic
HT06BB105KN KEMET-HT06BB105KN Datasheet
51Kb / 1P
Capacitor, ceramic
HT06BB333KN KEMET-HT06BB333KN Datasheet
51Kb / 1P
Capacitor, ceramic
More results


Similar Description - HT0610

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16650 NEC-UPD16650 Datasheet
62Kb / 12P
120-/128-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716 SAMSUNG-S6B0716 Datasheet
816Kb / 57P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
logo
List of Unclassifed Man...
NT7501 ETC-NT7501 Datasheet
319Kb / 38P
33 X 100 RAM-Map LCD Controller/Driver
logo
Rohm
BU97933ACH-3BW ROHM-BU97933ACH-3BW Datasheet
450Kb / 7P
RAM built-in, Dot-matrix 128 x 33 STN LCD control driver
logo
Sharp Corporation
LH1530F SHARP-LH1530F Datasheet
831Kb / 19P
120 OUTPUT LCD COMMON DRIVER
logo
Sitronix Technology Co....
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
33 x 96 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
120 Output LCD Segment driver IC
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com