Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7533 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7533 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7533
Download  ST7533 Download
File Size   582.59 Kbytes
Page   60 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 33 x 96 Dot Matrix LCD Controller/Driver

ST7533 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7533 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7533
Download  ST7533 Click to download

File Size   582.59 Kbytes
Page   60 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 33 x 96 Dot Matrix LCD Controller/Driver

ST7533 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7533 Product details

GENERAL DESCRIPTION

The ST7533 is a single-chip dot matrix LCD drivers that can be connected directly to a microprocessor bus. 8-bit parallel or serial display data sent from the microprocessor is stored in the internal display data RAM and the chip generates a LCD drive signal independent of the microprocessor. Because the chips in the ST7533 contain 33x96 bits of display data RAM and there is a 1-to-1 correspondence between the LCD panel pixels and the internal RAM bits, these chips enable displays with a high degree of freedom.



FEATURES

• Direct display of RAM data through the display data RAM.

• RAM capacity : 33 x 96 = 3168 bits

• Display duty selectable by select pin

   1/33 duty : 33 common x 96 segment

   1/17 duty : 17 common x 96 segment

• High-speed 8-bit MPU interface (The chip can be connected directly to the both the 80x86 series MPUs and the 68000 series MPUs)/Serial interfaces are supported.

• Abundant command functions

   Display data Read/Write, display ON/OFF, Normal/

   Reverse display mode, page address set, display start

   line set, column address set, status read, display all

   points ON/OFF, LCD bias set, electronic volume,

   read/modify/write, segment driver direction select,

   power saver, static indicator, common output status

   select, V5 voltage regulation internal resistor ratio set.

• Static drive circuit equipped internally for indicators.

   (1 system, with variable flashing speed.)

• Low-power liquid crystal display power supply circuit equipped internally.

   Booster circuit (with Boost ratios of 2X/3X/4X, where the step-up voltage reference powersupply can be input externally).

   High-accuracy voltage adjustment circuit (Thermal

   gradient –0.15%/°C ) V5 voltage regulator resistors

   equipped internally, V1 to V4 voltage divider resistors

   equipped internally, electronic volume function

   equipped internally, voltage follower.

• CR oscillator circuit equipped internally (external clock can also be input)

• Extremely low power consumption Operating power

   when the built-in power supply is used (an example)

   70uA (VDD – VSS = VDD – VSS2 =3.0 V, Quad voltage,

   V5 – VDD = – 11.0 V).

   Conditions: When displays pattern OFF and the

   normal mode is selected.

• Power supply operate on the low 1.8 voltage

   Logic power supply

   VDD – VSS = 1.8V to 3.3V (+10% Range)

   Boost reference voltage: VDD – VSS2 = 1.8V to 3.3V

   Booster maximum voltage limited

   VOUT= -13V (+10% Range)

   Liquid crystal drive power supply: VDD – V5 = 4.0V to 13.0 V

• Wide range of operating temperatures: –40 to 85°C

• CMOS process

• These chips not designed for resistance to light or resistance to radiation.



 




Similar Part No. - ST7533

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
POWER LINE MODEM
Nov-1998
ST7536CFN STMICROELECTRONICS-ST7536CFN Datasheet
100Kb / 9P
POWER LINE MODEM
Nov-1998
More results


Similar Description - ST7533

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
4 x 96 Dot Matrix LCD Controller/Driver
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
17 x 96 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com