Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7530 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7530 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7530
Download  ST7530 Download
File Size   1705.4 Kbytes
Page   100 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65K Color Dot Matrix LCD Controller/Driver

ST7530 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7530 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7530
Download  ST7530 Click to download

File Size   1705.4 Kbytes
Page   100 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65K Color Dot Matrix LCD Controller/Driver

ST7530 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7530 Product details

INTRODUCTION
The ST7530 is a driver & controller LSI for 65K color graphic dot-matrix liquid crystal display systems. It generates 256 Segment and 160 Common driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral Interface (SPI), 8-bit/16-bit parallel or IIC display data and stores in an on-chip display data RAM. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Driver Output Circuits
    −256 segment outputs / 160 common outputs (in stripe mode, only 255 segment outputs used)
    −Maximum resolution is 85 x 160(Stripe mode), 256(SPRD) x 160
Applicable Duty Ratios
    − Various partial display
    − Partial window moving & data scrolling Microprocessor Interface
    − 8/16-bit parallel bi-directional interface with 6800-series or 8080-series
    −4-line serial interface (write only)
    −9 bit 3-line serial interface (write only)
On-chip Display Data RAM
    − Capacity : 160 x 256 x 5bit = 204800bits (Max)
On-chip Low Power Analog Circuit
    − On-chip oscillator circuit
    − Voltage converter (x2, x3, x4, x5, x6, x7, x8)
    − Voltage regulator
    − Voltage follower
        (LCD bias: 1/5, 1/7, 1/9, 1/10, 1/11, 1/12, 1/13, 1/14)
Operating Voltage Range
    − Supply voltage
        (VDD, VDD1, VDD2, VDD3, VDD4, VDD5): 2.4 to 3.3V
    − LCD driving voltage (VLCD = V0 - VSS): 3.76 to 18.0 V
Temperature Gradient Coefficient
    − -0.130%/℃ +/-10%
LCD driving voltage (EEPROM)
    − To store contrast adjustment value for better display
Package Type
    − Application for COG




Similar Part No. - ST7530

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
33 x 96 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
POWER LINE MODEM
Nov-1998
ST7536CFN STMICROELECTRONICS-ST7536CFN Datasheet
100Kb / 9P
POWER LINE MODEM
Nov-1998
More results


Similar Description - ST7530

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
65K Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
65K Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
4K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
65K 132x132 Color Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com