Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7626 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7626 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7626
Download  ST7626 Download
File Size   1267.74 Kbytes
Page   94 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65K Color Dot Matrix LCD Controller/Driver

ST7626 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7626 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7626
Download  ST7626 Click to download

File Size   1267.74 Kbytes
Page   94 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65K Color Dot Matrix LCD Controller/Driver

ST7626 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7626 Product details

INTRODUCTION
The ST7626 is a driver & controller LSI for 65K color graphic dot-matrix liquid crystal display systems. It generates 294 Segment and 68 Common driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral Interface (SPI) or 8-bit/16-bit parallel display data and stores in an on-chip display data RAM. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Driver Output Circuits
    ♦ 294 Segment Outputs / 68 Common Outputs
Applicable Duty Ratios
    ♦ Various Partial Display
    ♦ Partial Window Moving & Data Scrolling
Gray-Scale Display
    ♦ 4FRC & 31 PWM function circuit to display
    ♦ 64 gray-scale display.
On-chip Display Data RAM
    ♦ Capacity: 98 x 68 x 16 =106,624 bits
    ♦ 4K colors (RGB)=(444) mode
    ♦ 65K colors (RGB)=(565) mode
    ♦ Truncated 262K colors (RGB)=(666) mode
    ♦ Truncated 16M colors (RGB)=(888) mode
Microprocessor Interface
    ♦ 8/16-bit parallel bi-directional interface with 6800-series or 8080-series
    ♦ 4-line serial interface (4-line-SIF)
    ♦ 3-line serial interface (3-line-SIF)
On-chip Low Power Analog Circuit
    ♦ On-chip Oscillator Circuit
    ♦ On-chip Voltage Converter (x2, x3, x4, x5) with internal booster capacitors.
    ♦ Extremely Few Outsider Compoment. (Minimum required outsider compoments: One Capacitor).
    ♦ On-chip Voltage Regulator (Temperature gradient = -0.065%/°C)
    ♦ On-chip Electronic Contrast Control Function (406 steps)
    ♦ Voltage Follower (LCD bias: 1/5 to 1/12)
Operating Voltage Range
    ♦ Supply Digital Voltage (VDD, VDD1): 1.8 to 3.3V
    ♦ Supply Analog Voltage (VDD2, VDD3, VDD4, VDD5): 2.4 to 3.3V
    ♦ LCD Driving Voltage (VOP = V0 - VSS): 3.76V to 18V
    ♦ The suggested value of V0 is under 11 V with bias =1/9.
LCD Driving Voltage (EEPROM)
    ♦ Contrast Adjustment Value is stored in the Built-In EEPROM for better display quility.
LCM Performance Adjustment (EEPROM)
    ♦ Adjustment Value for best Display Performance is stored in the Built-In EEPROM.
Package Type
    ♦ Application for COG




Similar Part No. - ST7626

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
65K Color Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7626

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
65K Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
4K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
65K 132x132 Color Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com