Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7624 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7624 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7624
Download  ST7624 Download
File Size   1003.72 Kbytes
Page   98 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65K Color Dot Matrix LCD Controller/Driver

ST7624 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7624 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7624
Download  ST7624 Click to download

File Size   1003.72 Kbytes
Page   98 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65K Color Dot Matrix LCD Controller/Driver

ST7624 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7624 Product details

INTRODUCTION
The ST7624 is a driver & controller LSI for 65k color graphic dot-matrix liquid crystal display systems. It generates 312 Segment and 104 Common driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral Interface (SPI) or 8-bit/16-bit parallel display data and stores in an on-chip display data RAM. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Driver Output Circuits
♦ 312 segment outputs / 104 common outputs

Applicable Duty Ratios
♦ Various partial display
♦ Partial window moving & data scrolling

Gray-Scale Display
♦ 4FRC & 31 PWM function circuit to display
♦ 64 gray-scale display.

On-chip Display Data RAM
♦ Capacity: 104X104X16 =173,056bits
♦ 65K colors (RGB)=(565) mode
♦ Dithered262k colors (RGB)=(666) mode
♦ Dithered 16M colors (RGB)=(888) mode

Microprocessor Interface
♦ 8/16-bit parallel bi-directional interface with 6800-series or 8080-series
♦ 4-line serial interface (4-line-SIF)
♦ 3-line serial interface (3-line-SIF)

On-chip Low Power Analog Circuit
♦ On-chip oscillator circuit
♦ Voltage converter (x2, x3, x4, x5, x6, x7, x8)
♦ Voltage regulator(Temperature gradient= -0.119%/°C +-10%)
♦ On-chip electronic contrast control function
♦ Voltage follower (LCD bias: 1/5 to 1/12)

Operating Voltage Range
♦ Supply voltage (VDD, VDD1): 2.4 to 3.3V (VDD2, VDD3, VDD4, VDD5): 2.4 to 3.3V
♦ LCD driving voltage (VOP = V0 - VSS): 3.76 to 18.0 V
♦ Suggested value of V0 is 12V~15V , bias =1/11

LCD driving voltage (EEPROM)
♦ To store contrast adjustment value for better display

Package Type
♦ Application for COG




Similar Part No. - ST7624

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
65K Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
65K Color Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7624

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
65K Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
65K Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
4K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
65K 132x132 Color Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com