Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7533 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7533
Description  33 x 96 Dot Matrix LCD Controller/Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7533 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7533 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
ST7533
Ver 1.0
2/60
2003/07/21
ST7533 Pad Arrangement
Chip Size:
7240μm x 1,000 μm
Origin: Chip Center
Bump Pitch:
69.1μm(Min.)
Bump Size:
PAD No. 001〜005
49.1μm x 70.5μm
PAD No. 006〜064
56μm x 60μm
PAD No. 065〜070
51μm x 60μm
PAD No. 071〜083
56μm x 60μm
PAD No. 084〜088
49.1μm x 70.5μm
PAD No. 089〜100
70.5μm x 49.1μm
PAD No. 101〜196
49.1μm x 70.5μm
PAD No. 197〜208
70.5μm x 49.1μm
Bump Height:
18μm(Typ)
Chip Thickness: 660μm
25um 30um 25um
30um
40um
30um 30um
30um
30um
X
Y
(0,0)
ST7533
PAD DIAGRAM
•••
•••••
•••
•••
•••
•••
•
•
•
•
•
•
088
084 083
071 070
065 064
006 005
001
089
100
208
197
(-3405, 435)
(3266, 162)
101
196
(3385,435)
(-3312,-175)
15 um
15 um
15 um
15 um
15
um
15
um
15
um
15
um



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com