Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7533 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7533
Description  33 x 96 Dot Matrix LCD Controller/Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7533 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7533 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
ST7533
Ver 1.0
21/60
2003/07/21
VSS2
VOUT
CAP3-
CAP1+
CAP1-
CAP2-
CAP2+
VSS2
VOUT
CAP3-
CAP1+
CAP1-
CAP2-
CAP2+
C1
C1
C1
C1
C1
C1
C1
VSS2
VOUT
CAP3-
CAP1+
CAP1-
CAP2-
CAP2+
C1
C1
OPEN
4x step-up voltage circuit
3x step-up voltage circuit
2x step-up voltage circuit
VDD=0V
VSS2=-3V
VOUT=4xVSS2=-12V
4x step-up voltage relationships
VDD=0V
VSS2=-3V
VOUT=3xVSS2=-9V
3x step-up voltage relationships
VDD=0V
VSS2=-3V
VOUT=2xVSS2=-6V
2x step-up voltage relationships
Figure 7
* The VSS2 voltage range must be set so that the VOUT terminal voltage does not exceed the absolute maximum rated value.
The Voltage Regulator Circuit
The step-up voltage generated at VOUT outputs the LCD
driver voltage V5 through the voltage regulator circuit.
Because the ST7533 chips have an internal high-accuracy
fixed voltage power supply with a 64-level electronic volume
function and internal resistors for the V5 voltage regulator,
systems can be constructed without having to include
high-accuracy voltage regulator circuit components.
(VREG thermal gradients approximate -0.15%/°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com