Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0610 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT0610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 9Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 10Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 11Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 12Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Temperature coefficient compensation
PTC0
Flat Temperature
2.4V~
3.5V
TC1=0, TC2=0,
regulator disable
¾
0
¾
%
PTC1
Coefficient
2.4V~
3.5V
TC1=0, TC2=1,
regulator enable
¾-0.18
¾
%
PTC2
Temperature Coefficient 1*
2.4V~
3.5V
TC1=1, TC2=0,
regulator enable
¾-0.22
¾
%
PTC3
Temperature Coefficient 2*
Temperature Coefficient 3*
2.4V~
3.5V
TC1=1, TC2=1,
regulator enable
¾-0.35
¾
%
VCON
Internal Contrast Control VR Output
Voltage with Internal Contrast Con-
trol Selected
16 Voltage Levels Controlled by Soft-
ware
Each Level is Typical of 2.25% of the
Regulator Output Voltage
2.4V~
3.5V
Internal regulator enabled,
internal contrast control en-
abled
¾±18
¾
%
Oscillator frequency
FOSC1
Oscillator Frequency of Display Tim-
ing Generator with 60Hz Frame Fre-
quency
2.4V~
3.5V
Set clock frequency to slow
¾
38.4
¾
kHz
FOSC2
Oscillator Frequency of Display Tim-
ing Generator with 60Hz Frame Fre-
quency
2.4V~
3.5V
Set clock frequency to normal
¾
50
¾
kHz
FICON1
Four Static ICON Display (50% Duty
Cycle) from Pins ICON1~ICON4 and
IBP
2.4V~
3.5V
¾¾
18.75
¾
Hz
FICON2
Four Static ICON Display (50% Duty
Cycle) from Pins ICON1~ICON4 and
IBP
2.4V~
3.5V
¾¾
24.4
¾
Hz
FFRAME1
LCD Driving Signal Frame
Frequency
2.4V~
3.5V
Either external clock input or
internal oscillator enable, ei-
ther 1/32 or 1/16 duty cycle,
graphic display mode
¾
66
¾
Hz
FFRAME2
LCD Driving Signal Frame
Frequency
2.4V~
3.5V
Either external clock input or
internal oscillator enable, ei-
ther 1/32 or 1/16 duty cycle
¾
65
¾
Hz
FCON1
LCD Driving Signal Frame
Frequency
2.4V~
3.5V
Either external clock input or
internal oscillator enable, 1/33
duty cycle, graphic display
mode
¾
64
¾
Hz
FCON2
LCD Driving Signal Frame
Frequency
2.4V~
3.5V
Either external clock input or
internal oscillator enable, 1/33
duty cycle
¾
63
¾
Hz
Internal oscillation frequency
OSC
Internal OSC Oscillation Frequency
with Different Value of Feedback Re-
sistor
2.4V~
3.5V
Internal oscillator enable
within operation range
See the figure as follow
Note:
* The formula for the temperature coefficient is: TC (%)=
VR at 50 C
VR at 0 C
50 C
0 C
oo
oo
-
-
´
1
VR at 25 C
o
´100%
HT0610
Rev. 1.00
9
February 24, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com