Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0610 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT0610 Datasheet HTML 1Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 2Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 3Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 4Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Block
Description
Static Icon Control Circuit
This module generates the LCD waveform of the 4 annunciators and IBP signal. The
four independent static icons are enabled by software command. Icon signals are also
controlled by oscillator circuit, too.
LCD Driving Voltage
Generator
This module generates the LCD voltage needed for display output. It takes a single sup-
ply input and generates necessary bias voltages. It consists of:
· Voltage doubler and voltage tripler
To generate the VCCA1 voltage. Either doubler or tripler can be enabled.
· Voltage regulator
Feedback gain control for initial LCD voltage. It can also be used with external contrast
control.
· Voltage divider
Divide the LCD display voltage (VLL2~VLL6) from the regulator output. This is low
power consumption circuit, which can save the most display current compare with tra-
ditional resistor ladder method.
· Bias Ratio Selection circuitry
Software control of 1/5 and 1/7 bias ratios to match the characteristic of LCD panel.
· Self adjust temperature compensation circuitry
Provide 4 different compensation grade selections to satisfy the various liquid crystal
temperature grades. The grading can be selected by software control.
· Contrast Control Block
Software control of 16 voltage levels of LCD voltage.
· External Contrast Control
By adjusting the gain control resistors connected externally, the contrast can be var-
ied.
All blocks can be individually turned off if external voltage generator is employed.
120 Bit Latch/33 Bit Latch
153 bit long registers, which carry the display signal information. First 33 bits are Com-
mon driving signals and other 120 bits are Segment driving signals. Data will be input to
the HV-buffer Cell for bumping up to the required level.
Level Selector
Level selector is a control of the display synchronization. Display voltage can be sepa-
rated into two sets and used with different cycles. Synchronization is important since it
selects the required LCD voltage level to the HV Buffer Cell for output signal voltage
pump.
HV Buffer Cell
(Level Shifter)
HV Buffer Cell works as a level shifter that translates the low voltage output signal to the
required driving voltage. The output is shifted out with an internal FRM clock, which co-
mes from the Display Timing Generator. The voltage levels are given by the level selec-
tor which is synchronized with the internal M signal.
HT0610
Rev. 1.00
3
February 24, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com