Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0610 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT0610 Datasheet HTML 1Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 2Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 3Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 4Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin Assignment
HT0610
Rev. 1.00
4
February 24, 2004
D U M M Y
V S S
O S C 1
V S S
V R
V F
V C C A 1
C -
C +
D U M 2
O S C 2
D U M 1
V L L 6
V L L 5
V L L 4
V L L 3
V L L 2
C 2 N
C 2 P
C 1 N
C 1 P
V D D A
V S S
C E
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
V S S
C S ( C L K )
R W
D C O M
V S S
R E S
V D D
D U M M Y
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
1 9 7
1 9 6
1 9 5
1 9 4
1 9 3
1 9 2
1 8 4
1 8 3
1 8 2
1 8 1
1 8 0
1 7 9
1 7 8
1 7 7
1 7 6
6 3
6 2
6 1
6 0
5 9
5 8
5 7
5 6
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
C O M 3 2
C O M 0
C O M 1
C O M 2
C O M 3
C O M 4
C O M 1 2
C O M 1 3
C O M 1 4
C O M 1 5
S E G 0
S E G 1
S E G 2
S E G 3
S E G 4
S E G 1 1 7
S E G 1 1 8
S E G 1 1 9
C O M 3 2
C O M 3 1
C O M 3 0
C O M 2 9
C O M 2 8
C O M 1 9
C O M 1 8
C O M 1 7
C O M 1 6
I C O N 0
I C O N 1
I C O N 2
I C O N 3
I B P
D U M M Y
D U M M Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com