Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0610 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT0610 Datasheet HTML 12Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 13Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 14Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 15Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 16Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 17Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 18Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 19Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Bit Pattern
(D7~D0)
Command
Comment
0011100X0
Set Bias Ratio
X0=0: Set 1/7 bias (POR initial state)
X0=1: Set 1/5 bias
0011101X0
Reserved
X0=0: Normal operation (POR initial state)
X0=1: Test mode
(Note: make sure to set X0=0: during application)
0011110X0
Set Display with Icon Line
X0=0: Set display mode without Icon line (POR initial state)
X0=1: Set display mode with Icon line
00111110
Set Icon Display Mode
Power saving icon display mode, COM 0 to COM 31 will be dis-
abled.
010X4X3X2X1X0
Set Vertical Scroll Value
Use X4X3X2X1 as number for lines to scroll.
Scroll value=0 upon POR
01100A1A0X0
Set Static Icon Control Sig-
nals
A1A0=00: Select Icon 1 (POR initial state)
A1A0=01: Select Icon 2
A1A0=10: Select Icon 3
A1A0=11: Select Icon 4
X0=0: Turned selected Icon off (POR state)
X0=1: Turned selected Icon on
0110100X0
Set Duty Cycle
X0=0: 1/32 duty and triple enabled (POR initial state)
X0=1: 1/16 duty and doubler enabled
0110101X0
Set IDD Reduction Mode
X0=0: Normal mode
X0=1: IDD reduction mode
011011X1X0
Set Temperature Coefficient
X0=00: 0.00% (POR initial state)
X0=01:
-0.18%
X0=10:
-0.22%
X0=11:
-0.35%
0111000X0
Increase/Decrease Contrast
Value
X0=0: Decrease by one level (POR initial state)
X0=1: Increase by one level
(Note: increment/decrement wraps round among the 16 contrast
levels. Start at the lowest level when POR.
0111001X0
Reserved
0111010X0
Reserved
0111011X0
Reserved
X0=0: Normal operation (POR initial state)
X0=1: Test mode select
(Note: make sure to set X0=0 during application)
0111100X0
Reserved
0111101X0
Set Internal/External
Oscillator
X0=0: Internal oscillator (POR initial state)
X0=1: External oscillator
If resistors are placed at OSC1 and OSC2. For external oscillator,
simply feed clock in OSC2.
0111110X0
Reserved
0111111X0
Set Oscillator Disable/Enable
X0=0: Oscillator disable (POR initial state)
X0=1: Oscillator enable
This is the master control for oscillator circuitry.
This command should be issued after the
²external/internal oscilla-
tor
² command.
1X6X5X4X3X2X1X0 Set BGDRAM Address
Set BGDRAM column address.
Use X6X5X4X3X2X1X0 as address bits
HT0610
Rev. 1.00
16
February 24, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com