Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0610 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT0610 Datasheet HTML 1Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 2Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 3Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 4Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Block Diagram
Operation of LCD Driver
Description of block diagram module
Block
Description
Command Decoder and
Command Interface
This module determines whether the input data is interpreted as data or command.
Data is directed to this module based upon the input of the DCOM pin. If DCOM High,
then data is written to BGDRAM ( Built-in Graphic Display data RAM) . DCOM pin Low
indicates that the input at D0~D7 is interpreted as a Command.
CE is the master chip selection signal . A High input enable the input lines ready to sam-
ple signals.
RES pin of same function as Power On Reset (POR). Once RES received the reset sig-
nal, all internal circuitry will back to its initial status. Refer to Command Description
section for more information.
Parallel Interface
The parallel interface consists of 8 bi-directional data lines (D0~D7),RW, and CS. The
RW input High indicates a read operation from the BGDRAM . RW input Low indicates a
write to BGDRAM or Internal Command Registers depending on the status of DCOM
pin input.
The CS input serves as data latch signal (clock).
Built-in Graphic Display
data RAM (BGDRAM)
The BGDRAM is a bit mapped static RAM holding the bit pattern to be displayed. The
size of the BGDRAM is determined by number of row times the number of column
(120
´33 =3960 bits). Figure as follow is a description of the BGDRAM address map. For
mechanical flexibility, re-mapping on both Segment and Common outputs are provided
Display Timing Generator
This module is an on chip low power RC oscillator circuitry. The oscillator frequency can
be selected in the range of 15kHz to 50kHz by external resistor. One can enable the cir-
cuitry by software command. For external clock provided, feed the clock to OSC2 and
leave OSC1 open.
HT0610
Rev. 1.00
2
February 24, 2004
S t a t i c I c o n
C o n t r o l C i r c u i t
H i g h V o l t a g e C e l l L e v e l S h i f t e r
L e v e l
S e l e c t o r
1 5 5 B i t s L a t c h
( 3 3 B i t s & 1 2 0 B i t s )
T i m i n g G e n e r a t o r
f o r D i s p l a y
L C D D r i v i n g
V o l t a g e G e n e r a t o r
D o u b l e r & T r i p l e r
V o l t a g e R e g u l a t o r ,
V o l t a g e D i v i d e r ,
C o n t r a s t C o n t r o l ,
T e m p e r a t u r e
C o m p e n s a t i o n
C i r c u i t
B G D R A M
1 2 0 ´ 3 3 B i t s
C o m m a n d D e c o d e r C i r c u i t
C o m m a n d I n t e r f a c e
P a r a l l e l I n t e r f a c e
C S ( C L K ) D C O M
R E S C E
R W
D 0 ~ D 7
V D D
V S S
I B P
I C O N 0 ~ I C O N 3
S E G 0 ~ S E G 1 1 9
C O M 0 ~ C O M 3 2
V L L 2
V L L 6
V C C A 1
V R
V F
C 2 P
C 2 N
C 1 P
C 1 N
D U M 2
D U M 1
C +
C -
V D D A
O S C 1
O S C 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com