Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0716 Datasheet (PDF) - Samsung semiconductor

S6B0716 Datasheet PDF - Samsung semiconductor
Part # S6B0716
Download  S6B0716 Download
File Size   816.67 Kbytes
Page   57 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD

S6B0716 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0716 Datasheet PDF - Samsung semiconductor

Part # S6B0716
Download  S6B0716 Click to download

File Size   816.67 Kbytes
Page   57 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD

S6B0716 Datasheet (HTML) - Samsung semiconductor


S6B0716 Product details

INTRODUCTION
The S6B0716 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 33 common and 100 segment driver circuits. This chip is connected directly to a microprocessor, accepts serial or 8-bit parallel display data and stores in an on-chip display data RAM of 65 x 132 bits. It provides a highly-flexible display section due to 1-to-1 correspondence between on-chip display data RAM bits and LCD panel pixels. And it performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Driver Output Circuits
- 33 common outputs / 100 segment outputs

On-chip Display Data RAM
- Capacity: 65 x 132 = 8,580 bits
- Bit data "1": a dot of display is illuminated
- Bit data "0": a dot of display is not illuminated

Multi-chip Operation (Master, Slave) Available
Applicable Duty-ratios

Microprocessor Interface
- 8-bit parallel bi-directional interface with 6800-series or 8080-series
- Serial interface (only write operation) available

Various Instruction Setting
On-chip Oscillator Circuit

On-chip Low Power Supply for LCD Driving Voltage Generation
- Voltage converter (x2, x3, x4)
- Voltage regulator (Temperature coefficient: -0.05%/°C, -0.2%/°C)
- Voltage follower (LCD Bias: 1/5 or 1/6)

On-chip Electronic Contrast Control Function (32 steps)
Operating Voltage Range

- Supply voltage (VDD): 2.4 to 3.6 V
- LCD driving voltage (VLCD = V0 - VSS): 4.0 to 15.0 V

Low Power Consumption
- 100 μA Typ. (VDD = 3V, x4 boosting, V0 = 8V, Internal power supply ON and display OFF)
- 10 μA Max. (standby mode)

Wide Operating Temperature Range
- Ta = -40°C to +85°C

CMOS Process
Package Type
- Bare die for COB




Similar Part No. - S6B0716

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CY SAMSUNG-S6B0715A01-B0CY Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CZ SAMSUNG-S6B0715A01-B0CZ Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-XXX0 SAMSUNG-S6B0715A01-XXX0 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A11-B0CY SAMSUNG-S6B0715A11-B0CY Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6B0716

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0717 SAMSUNG-KS0717 Datasheet
869Kb / 64P
55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0717 SAMSUNG-S6B0717 Datasheet
910Kb / 65P
55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com