Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0728 Datasheet (PDF) - Samsung semiconductor

S6B0728 Datasheet PDF - Samsung semiconductor
Part # S6B0728
Download  S6B0728 Download
File Size   530.8 Kbytes
Page   60 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD

S6B0728 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0728 Datasheet PDF - Samsung semiconductor

Part # S6B0728
Download  S6B0728 Click to download

File Size   530.8 Kbytes
Page   60 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD

S6B0728 Datasheet (HTML) - Samsung semiconductor


S6B0728 Product details

INTRODUCTION
The S6B0728 is a driver and controller LSI for graphic dot-matrix liquid crystal display systems. It contains 128 common and 132 segment driver circuits. It is connected directly to a microprocessor, accepts serial or 8-bit parallel display data and stores in an on-chip display data RAM of 128 x 132 bits. It provides a highly flexible display section due to 1-to-1 correspondence between on-chip display data RAM bits and LCD panel pixels. And it performs display data RAM read/write operation with no external-operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Driver Output Circuits
- 128 common outputs / 132 segment outputs

Applicable Duty-ratios
- Various partial display
- Partial window moving & data scrolling

On-chip Display Data RAM
- Capacity: 128 x 132 = 16,896 bits
- Bit data "1": a dot of display is illuminated
- Bit data "0": a dot of display is not illuminated

Microprocessor Interface
- 8-bit parallel bi-directional interface with 6800-series or 8080-series
- Serial interface(only write operation) with 4-pin or 3-pin SPI(Serial Peripheral Interface)

On-chip Low Power Analog Circuit
- On-chip oscillator circuit
- Voltage converter (x3, x4, x5, x6 or x7)
- Voltage regulator (temperature coefficient: -0.05%/°C or external input)
- On-chip electronic contrast control function (64 steps)
- Voltage follower (LCD bias: 1/5 to 1/12)

Operating Voltage Range
- Supply voltage (VDD): 2.4 to 3.6 [V]
- LCD driving voltage (VLCD = V0 - VSS): 4.0 to 17.0 [V]

Low Power Consumption
- TBD μA Typ. (VDD = 3V, x6 boosting, V0 = 15V, Internal power supply ON and display OFF)
- TBD μA Max. (during power save [standby] mode )

Package Type
- Gold bumped chip or TCP




Similar Part No. - S6B0728

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-B0CY SAMSUNG-S6B0721X01-B0CY Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-B0CZ SAMSUNG-S6B0721X01-B0CZ Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-XXX0 SAMSUNG-S6B0721X01-XXX0 Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-XXXN SAMSUNG-S6B0721X01-XXXN Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6B0728

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0724 SAMSUNG-KS0724 Datasheet
899Kb / 66P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0723 SAMSUNG-S6B0723 Datasheet
946Kb / 71P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0724 SAMSUNG-S6B0724 Datasheet
898Kb / 66P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B1713 SAMSUNG-S6B1713 Datasheet
419Kb / 70P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com