Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0724 Datasheet (PDF) - Samsung semiconductor

S6B0724 Datasheet PDF - Samsung semiconductor
Part # S6B0724
Download  S6B0724 Download
File Size   898.42 Kbytes
Page   66 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD

S6B0724 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0724 Datasheet PDF - Samsung semiconductor

Part # S6B0724
Download  S6B0724 Click to download

File Size   898.42 Kbytes
Page   66 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD

S6B0724 Datasheet (HTML) - Samsung semiconductor


S6B0724 Product details

INTRODUCTION

The S6B0724 is a single chip driver & controller LSI for graphic dot-matrix liquid crystal display systems. This chip can beconnected directly to a microprocessor, accepts serial or 8-bit parallel display data  from the microprocessor,  stores  the display data  in an on-chip display data RAM of  65x 132bitsand generates a liquid crystal display drive signal independent of the microprocessor.



FEATURES

Display Driver Output Circuits

- 65 common outputs / 132segment outputs

On-chip Display Data RAM

-  Capacity: 65x 132= 8,580 bits

-  RAM bit data “1”: a dot of display is illuminated.

-  RAM bit data “0”: a dot of display is not illuminated.

Microprocessor Interface

- High-speed 8-bit parallel bi-directional interface with 6800-series or 8080-series

- Serial interface (only write operation) available

Various Function Set

- Display ON / OFF, set initial display line, set page address, set column address, read status, write / read display data, select segment driver output, reverse display ON / OFF, entire display ON / OFF, select LCD bias, set/reset modify-read, select common driver output, control display power circuit, select internal regulator resistor ratio for V0 voltage regulation, electronic volume, set static indicator state.

-  H/W and S/W reset available

-  Static drive circuit equipped internally for indicators with 4 flashing modes

Built-in Analog Circuit

- On-chip oscillator circuitfor display clock (external clock can also be used)

- High performance voltage converter (with booster ratios of x2, x3, x4 and x5, where the step-up reference voltage can be used externally)

-  High accuracy voltage regulator (temperature coefficient: -0.05%/°Cor external input)

-  Electronic contrast control function (64 steps)

-  Vref = 2.1V ±3% (V0 voltage adjustment voltage)

-  High performance voltage follower (V1 to V4 voltage divider resistors and OP-Amp for increasing drive  capacity)

Operating Voltage Range

- Supply voltage (VDD): 2.4to 3.6V

- LCD driving voltage (VLCD= V0 - VSS): 4.5to 15.0 V

Low Power Consumption

- Operating power: 40mA typical. (condition: VDD= 3V, x 4 boosting (VCI is VDD), V0 = 11V, internal power supply ON, display OFFand normal mode is selected)

-  Standby power: 10mAmaximum. (during power save[standby] mode)

Operating Temperatures

-  Wide range of operating temperatures : -40 to 85°C

CMOS Process

Package Type

-  Gold bumped chip



 




Similar Part No. - S6B0724

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-B0CY SAMSUNG-S6B0721X01-B0CY Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-B0CZ SAMSUNG-S6B0721X01-B0CZ Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-XXX0 SAMSUNG-S6B0721X01-XXX0 Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-XXXN SAMSUNG-S6B0721X01-XXXN Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6B0724

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0724 SAMSUNG-KS0724 Datasheet
899Kb / 66P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0723 SAMSUNG-S6B0723 Datasheet
946Kb / 71P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B1713 SAMSUNG-S6B1713 Datasheet
419Kb / 70P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
65 COM/ 132 SEG STN LCD Driver
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
65 COM / 132 SEG LCD Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com