Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0723 Datasheet (PDF) - Samsung semiconductor

S6B0723 Datasheet PDF - Samsung semiconductor
Part # S6B0723
Download  S6B0723 Download
File Size   946.77 Kbytes
Page   71 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD

S6B0723 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0723 Datasheet PDF - Samsung semiconductor

Part # S6B0723
Download  S6B0723 Click to download

File Size   946.77 Kbytes
Page   71 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD

S6B0723 Datasheet (HTML) - Samsung semiconductor


S6B0723 Product details

INTRODUCTION
The S6B0723 is a single-chip driver & controller LSI for graphic dot-matrix liquid crystal display systems. This chip can be connected directly to a microprocessor, accepts serial or 8-bit parallel display data from the microprocessor, stores the display data in an on-chip display data RAM of 65 x 132 bits and generates a liquid crystal display drive signal independent of the microprocessor. It provides a high-flexible display section due to 1-to-1 correspondence between on-chip display data RAM bits and LCD panel pixels. It contains 65 common driver circuits and 132 segment driver circuits, so that a single chip can drive a 65 x 132 dot display. And the capacity of the display can be increased through the use of master/slave multi-chip structures. This chip is able to minimize power consumption because it performs display data RAM read/write operation with no external operation clock. In addition, because it contains power supply circuits necessary to drive liquid crystal, which is a display clock oscillator circuit, high performance voltage converter circuit, high-accuracy voltage regulator circuit, low power consumption voltage divider resistors and OP-Amp for liquid crystal driver power voltage, it is possible to make the lowest power consumption display system with the fewest components for high performance portable systems.

FEATURES
Display Driver Output Circuits
- 65 common outputs / 132 segment outputs

On-chip Display Data RAM
- Capacity: 65 x 132 = 8,580 bits
- RAM bit data “1”: a dot of display is illuminated.
- RAM bit data “0”: a dot of display is not illuminated.

Applicable Duty Ratios

Microprocessor Interface
- High-speed 8-bit parallel bi-directional interface with 6800-series or 8080-series
- Serial interface (only write operation) available

Various Function Set
- Display ON / OFF, set initial display line, set page address, set column address, read status, write / read display data, select segment driver output, reverse display ON / OFF, entire display ON / OFF, select LCD bias, set/reset modify-read, select common driver output, control display power circuit, select internal regulator resistor ratio for V0 voltage regulation, electronic volume, set static indicator state.
- H/W and S/W reset available
- Static drive circuit equipped internally for indicators with 4 flashing modes

Built-in Analog Circuit
- On-chip oscillator circuit for display clock (external clock can also be used)
- High performance voltage converter (with booster ratios of x2, x3, x4 and x5, where the step-up reference voltage can be used externally)
- High accuracy voltage regulator (temperature coefficient: -0.05%/°C or external input)
- Electronic contrast control function (64 steps)
- Vref = 2.1V ± 3% (V0 voltage adjustment voltage)
- High performance voltage follower (V1 to V4 voltage divider resistors and OP-Amp for increasing drive capacity)

Operating Voltage Range
- Supply voltage (VDD): 2.4 to 3.6V
- LCD driving voltage (VLCD = V0 - VSS): 4.5 to 15.0V

Low Power Consumption
- Operating power: 40mA typical (conditions: VDD = 3V, x 4 boosting (VCI = VDD), V0 = 11V, Internal power supply ON, display OFF and normal mode is selected)
- Standby power: 10 mA maximum (during power save[standby] mode)

Operating Temperatures
- Wide range of operating temperatures : -40 to 85°C

CMOS Process
Package Type
- TCP




Similar Part No. - S6B0723

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-B0CY SAMSUNG-S6B0721X01-B0CY Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-B0CZ SAMSUNG-S6B0721X01-B0CZ Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-XXX0 SAMSUNG-S6B0721X01-XXX0 Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-XXXN SAMSUNG-S6B0721X01-XXXN Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6B0723

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0724 SAMSUNG-KS0724 Datasheet
899Kb / 66P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0724 SAMSUNG-S6B0724 Datasheet
898Kb / 66P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B1713 SAMSUNG-S6B1713 Datasheet
419Kb / 70P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
65 COM/ 132 SEG STN LCD Driver
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
65 COM / 132 SEG LCD Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com