Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8011 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST8011 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST8011
Download  ST8011 Download
File Size   306.31 Kbytes
Page   20 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 120 Output LCD Segment driver IC

ST8011 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST8011 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST8011
Download  ST8011 Click to download

File Size   306.31 Kbytes
Page   20 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 120 Output LCD Segment driver IC

ST8011 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST8011 Product details

DESCRIPTION
The ST8011 is a 120-output segment driver IC suitable for driving small/medium scale dot matrix LCD panels, and is used in PDA or electronic dictionary . The ST8011 is good as a segment driver, and it can create a low power consuming, high-resolution LCD.

FEATURES
• Number of LCD drive outputs: 120
• Supply voltage for LCD drive: Max +16V
• Supply voltage for the logic system: +2.5 to +5.5 V
• Low power consumption
• Package: 136-pin COB.
    (Segment mode)
• Shift clock frequency
    - 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
    - 15 MHz (MAX.): VDD = +3.0 to + 4.5 V
    - 12 MHz (MAX.): VDD = +2.5 to + 3.0 V
• Adopts a data bus system
• 4-bit parallel / serial input modes are selectable with a mode (P/S) pin
• Automatic transfer function of an enable signal
• Automatic counting function which, in the chip selection mode, causes the internal clock to be stopped by
    automatically counting 120 bits of input data
• Line latch circuits are reset when XDISPOFF active




Similar Part No. - ST8011

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
120 Output LCD Common/Segment driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
COM/SEG LCD Driver
More results


Similar Description - ST8011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
160 output LCD Segment/Common Driver IC
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
80 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
240-output LCD Segment/Common Driver IC
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
240-output LCD Segment Driver IC
logo
Sitronix Technology Co....
ST8008 SITRONIX-ST8008 Datasheet
376Kb / 21P
80 Output LCD Segment Driver IC
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
96 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
120 Output LCD Common/Segment driver IC
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com