Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8012 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST8012 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST8012
Download  ST8012 Download
File Size   557.45 Kbytes
Page   47 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 120 Output LCD Common/Segment driver IC

ST8012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST8012 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST8012
Download  ST8012 Click to download

File Size   557.45 Kbytes
Page   47 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 120 Output LCD Common/Segment driver IC

ST8012 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST8012 Product details

DESCRIPTION
The ST8012 is a 120-output segment/common driver IC suitable for driving small/medium scale dot matrix LCD panels, and is used in PDA or electronic dictionary. The ST8012 is good as a segment driver or a common driver or a common/segment driver, and it can create a low power consuming, high-resolution LCD. The ST8012 have eight modes can selected to set common and segment numbers by select pin. The ST8012 also have analog DC/DC converter to use.

FEATURES
• Number of LCD drive outputs: 120
• Supply voltage for LCD drive: Max +16V
• Supply voltage for the logic system: +2.5 to +5.5 V
• Low power consumption and low output impedance
• Display duty select able by select pin
• Low-power liquid crystal display power supply circuit equipped internally. Booster circuit (with Boost ratio of 2X/3X/4X/5X/6X)
• Abundant command functions LCD bias set, electronic volume, VSS voltage regulation internal resistor ratio and booster frequency. All Functions have initial value, user can use the default value or setting by programmable pin to set.
• If select segment mode then except booster circuit will opened others circuit (follower and regulator circuit) will automatic closed.
• When don’t used the serial interface, we can select one of default modes by serial interface pins please see Table5.
• Package: 154-pin COB.

(Segment mode)
• Shift clock frequency
    - 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
    - 15 MHz (MAX.): VDD = +3.0 to + 4.5 V
    - 12 MHz (MAX.): VDD = +2.5 to + 3.0 V
• Adopts a data bus system
• 4-bit parallel / serial input modes are selectable with a mode (P/S) pin
• Automatic transfer function of an enable signal
• Automatic counting function which, in the chip selection mode, causes the internal clock to be stopped by automatically counting 88、 72、 56 、 40、 24、 8 or 120 bits of input data
• Line latch circuits are reset when XDISPOFF active

(Common mode)
• Shift clock frequency: 4 MHz (MAX.)
• Built-in X-bit shift register
• Available in a single mode
• Y1->YX Single mode YX->Y1 Single mode PS:X=32、 48、 64、 80、 96、 112、 120 The above 4 shift directions are pin-selectable
• Shift register circuits are reset when XDISPOFF active




Similar Part No. - ST8012

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
120 Output LCD Segment driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
COM/SEG LCD Driver
More results


Similar Description - ST8012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
160 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
160 output LCD Segment/Common Driver IC
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
80 output LCD Segment/Common Driver IC
logo
List of Unclassifed Man...
IST3028 ETC1-IST3028 Datasheet
252Kb / 2P
120-output LCD Common Gate Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
96 Output LCD Common/ Segment Driver IC
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
120 Output LCD Segment driver IC
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com