Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8016S Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST8016S Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST8016S
Download  ST8016S Download
File Size   413.94 Kbytes
Page   26 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description COM/SEG LCD Driver

ST8016S Datasheet (PDF)

Go To PDF Page Download Datasheet
ST8016S Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST8016S
Download  ST8016S Click to download

File Size   413.94 Kbytes
Page   26 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description COM/SEG LCD Driver

ST8016S Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST8016S Product details

DESCRIPTION
The ST8016S is a 160-output segment/common driver IC suitable for driving large/medium scale dot matrix LCD panels, and is used in personal computers/work stations. The ST8016S is good both as a segment driver and a common driver, and it can create a low power consuming, high-resolution LCD.

FEATURES
■ Number of LCD drive outputs: 160
■ Supply voltage for LCD drive: +15.0 to +30.0 V
■ Supply voltage for the logic system: +2.5 to +5.5 V
■ Low power consumption
■ Low output impedance

(Segment mode)
■ Shift clock frequency
    - 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
    - 15 MHz (MAX.): VDD = +3.0 to + 4.5 V
    - 12 MHz (MAX.): VDD = +2.5 to + 3.0 V
■ Adopts a data bus system
■ 4-bit/8-bit parallel input modes are selectable with a mode (MD) pin
■ Automatic transfer function of an enable signal
■ Automatic counting function which, in the chip selection mode, causes the internal clock to be stopped by automatically counting 160 bits of input data
■ Line latch circuits are reset when /DISPOFF active

(Common mode)
■ Shift clock frequency: 4 MHz (MAX.)
■ Built-in 160-bit bi-directional shift register (divisible into 80 bits x 2)
■ Available in a single mode (160-bit shift register) or in a dual mode (80-bit shift register x 2)
    ➤ Y1->Y160 Single mode
    ➤ Y160->Y1 Single mode
    ➤ Y1->Y80, Y81->Y160 Dual mode
    ➤ Y160->Y81, Y80->Y1 Dual mode
        The above 4 shift directions are pin-selectable
■ Shift register circuits are reset when /DISPOFF active




Similar Part No. - ST8016S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
COM/SEG LCD Driver
More results


Similar Description - ST8016S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
240 SEG / COM DRIVER FOR STN LCD
logo
List of Unclassifed Man...
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
40-CHANNEL SEG/COM LCD DRIVER
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
80 COM/SEG LCD DRIVER
EPL43102 EMC-EPL43102 Datasheet
526Kb / 64P
43 Com / 102 Seg LCD Driver
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
65 COM / 132 SEG LCD Driver
logo
Sitronix Technology Co....
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
COM/SEG LCD Driver
ST8024 SITRONIX-ST8024 Datasheet
411Kb / 28P
COM/SEG LCD Driver
ST8024S SITRONIX-ST8024S Datasheet
466Kb / 27P
COM/SEG LCD Driver
ST8024T SITRONIX-ST8024T Datasheet
653Kb / 28P
COM/SEG LCD Driver
logo
Finechips
FD1000A FINECHIPS-FD1000A Datasheet
374Kb / 20P
3-COM 52-SEG, 4-COM 51-SEG LCD Display Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com