Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8016 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST8016 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST8016
Download  ST8016 Download
File Size   407.18 Kbytes
Page   28 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 160 Output LCD Common/ Segment Driver IC

ST8016 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST8016 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST8016
Download  ST8016 Click to download

File Size   407.18 Kbytes
Page   28 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 160 Output LCD Common/ Segment Driver IC

ST8016 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST8016 Product details

DESCRIPTION
The ST8016 is a 160-output segment/common driver IC suitable for driving large/medium scale dot matrix LCD panels, and is used in personal computers/work stations. Through the use of SST (Super Slim TCP) technology, it is ideal for substantially decreasing the size of the frame section of the LCD module. The ST8016 is good both as a segment driver and a common driver, and it can create a low power consuming, high-resolution LCD.

FEATURES
■ Number of LCD drive outputs: 160
■ Supply voltage for LCD drive: +15.0 to +30.0 V
■ Supply voltage for the logic system: +2.5 to +5.5 V
■ Low power consumption
■ Low output impedance

(Segment mode)
■ Shift clock frequency
    - 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
    - 12 MHz (MAX.): VDD = +3.0 to + 4.5 V
    - 8 MHz (MAX.): VDD = +2.5 to + 3.0 V
■ Adopts a data bus system
■ 4-bit/8-bit parallel input modes are selectable with a mode (MD) pin
■ Automatic transfer function of an enable signal
■ Automatic counting function which, in the chip selection mode, causes the internal clock to be stopped by automatically counting 160 bits of input data
■ Line latch circuits are reset when /DISPOFF active

(Common mode)
■ Shift clock frequency: 4 MHz (MAX.)
■ Built-in 160-bit bi-directional shift register (divisible into 80 bits x 2)
■ Available in a single mode (160-bit shift register) or in a dual mode (80-bit shift register x 2)
    - Y1->Y160 Single mode
    - Y160->Y1 Single mode
    - Y1->Y80, Y81->Y160 Dual mode
    - Y160->Y81, Y80->Y1 Dual mode
        The above 4 shift directions are pin-selectable
■ Shift register circuits are reset when /DISPOFF active




Similar Part No. - ST8016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
COM/SEG LCD Driver
More results


Similar Description - ST8016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7701 ETC-NT7701 Datasheet
466Kb / 37P
160 Output LCD Segment/Common Driver
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
160 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
160 output LCD Segment/Common Driver IC
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
80 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
96 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
120 Output LCD Common/Segment driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com