Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8016 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST8016
Description  160 Output LCD Common/ Segment Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST8016 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ST8016
Ver 2.0
Page 2/28
2008/05/07
1
FEATURES
n
Number of LCD drive outputs: 160
n
Supply voltage for LCD drive: +15.0 to +30.0 V
n
Supply voltage for the logic system: +2.5 to +5.5 V
n
Low power consumption
n
Low output impedance
(Segment mode)
n
Shift clock frequency
- 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
- 12 MHz (MAX.): VDD = +3.0 to + 4.5 V
- 8 MHz (MAX.): VDD = +2.5 to + 3.0 V
n
Adopts a data bus system
n
4-bit/8-bit parallel input modes are
selectable with a mode (MD) pin
n
Automatic transfer function of an
enable signal
n
Automatic counting function which, in
the chip selection mode, causes the
internal clock to be stopped by
automatically counting 160 bits of input
data
n
Line latch circuits are reset when
/DISPOFF active
(Common mode)
n
Shift clock frequency: 4 MHz (MAX.)
n
Built-in 160-bit bi-directional shift
register (divisible into 80 bits x 2)
n
Available in a single mode (160-bit shift
register) or in a dual mode (80-bit shift
register x 2)
- Y1->Y160 Single mode
- Y160->Y1 Single mode
- Y1->Y80, Y81->Y160 Dual mode
- Y160->Y81, Y80->Y1 Dual mode
The above 4 shift directions are
pin-selectable
n
Shift register circuits are reset when
/DISPOFF active
2
DESCRIPTION
The ST8016 is a 160-output segment/common driver IC suitable for driving large/medium scale dot
matrix LCD panels, and is used in personal computers/work stations. Through the use of SST
(Super Slim TCP) technology, it is ideal for substantially decreasing the size of the frame section of
the LCD module. The ST8016 is good both as a segment driver and a common driver, and it can
create a low power consuming, high-resolution LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com