Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8016 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST8016
Description  160 Output LCD Common/ Segment Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST8016 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ST8016
Ver 2.0
Page 21/28
2008/05/07
12.4
Timing Chart of Common Mode
LP
EIO2
EIO1
/DISPOFF
t WDL
t SD
t DL
tH
t SU
t WLP
tR
t WLPH
tF
FR
LP
Y1 - Y160
tPD1
tPD3
tPD2
/DISPOFF
(Common Mode)
(VSS = 0 V, VDD = +2.5 to +5.5 V, V0 = + 15.0 to +30.0 V, TOPR = -25 10+85 °C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Shift clock period
tWLP
tR, tF 20ns
250
ns
Shift clock “H” pulse width
tWLPH
VDD=5± 0.5V
VDD=2.5~4.5V
15
30
ns
Data setup time
tSU
30
ns
Data hold time
tH
50
ns
Input signal rise time
tR
50
ns
Input signal fall time
tF
50
ns
DISPOFF removal time
tSD
100
ns
DISPOFF “L” pulse width
tWDL
1.2
us
Output delay time (1)
tDL
CL=10pF
200
ns
Output delay time (2)
tPD1,tPD2
CL=10pF
1.2
us
Output delay time (3)
tPD3
CL=10pF
1.2
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com