Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8009 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST8009 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST8009
Download  ST8009 Download
File Size   657.4 Kbytes
Page   43 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 96 Output LCD Common/ Segment Driver IC

ST8009 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST8009 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST8009
Download  ST8009 Click to download

File Size   657.4 Kbytes
Page   43 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 96 Output LCD Common/ Segment Driver IC

ST8009 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST8009 Product details

DESCRIPTION
The ST8009 is a 96-output segment/common driver IC suitable for driving small/medium scale dot matrix LCD panels, and is used in PDA or electronic dictionary. The ST8009 is good as a segment driver, a common driver or a common/segment driver, and it can create low power consumption, high-resolution LCD. The ST8009 have eight modes can selected to set common and segment numbers by selecting register. The ST8009 also have analog DC/DC converter to use.

FEATURES
• Number of LCD drive outputs: 96
• Supply voltage for LCD drive (VOUT): Max +16V
• Supply voltage for logic system (VDD): +2.5 ~ +5.5V
• Low power consumption and low output impedance
• Display duty selectable by internal select register
• Abundant command functions
    LCD bias set, electronic volume, VSS voltage regulation internal resistor ratio and booster frequency.
    All Functions have initial value, user can set by programmed.
• Low-power liquid crystal display power supply circuit equipped internally.
    Booster circuit (with Boost ratio of 2X/3X/4X/5X/6X)
    Regulator circuit
    Follower circuit
• Package: 124-pin COB.

(Segment mode)
• Shift clock frequency
    - 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
    - 15 MHz (MAX.): VDD = +3.0 to + 4.5 V
    - 12 MHz (MAX.): VDD = +2.5 to + 3.0 V
• Adopts a data bus system
• 4-bit parallel / serial input modes are selectable by programmable.
• Automatic transfer function of an enable signal
• Automatic counting function which, in the chip
    selection mode, causes the internal clock to be
    stopped by automatically counting 16、 32、 48、 64、
    80、 96 bits of input data
• Line latch circuits are reset when XDISPOFF active

(Common mode)
• Shift clock frequency: 4 MHz (MAX.)
• Built-in X-bit shift register
• Available in a single mode
• CS0  CSX Single mode
    CSX  CS0 Single mode
    PS:X=15、 31、 47、 63、 79、 95
    The above 4 shift directions are register selectable
• Shift register circuits are reset when XDISPOFF active




Similar Part No. - ST8009

ManufacturerPart #DatasheetDescription
logo
Seagate Technology LLC
ST8000VX004 SEAGATE-ST8000VX004 Datasheet
222Kb / 5P
Smart. Safe. Secure. Surveillance-Specialized Storage
ST8000VX010 SEAGATE-ST8000VX010 Datasheet
222Kb / 5P
Smart. Safe. Secure. Surveillance-Specialized Storage
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
ST8004CD STMICROELECTRONICS-ST8004CD Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
More results


Similar Description - ST8009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
160 Output LCD Segment/Common Driver
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
240 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
160 output LCD Segment/Common Driver IC
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
80 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
120 Output LCD Common/Segment driver IC
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com